Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-GPS-F4 Datasheet(PDF) 14 Page - Linx Technologies

Part # MDEV-GPS-F4
Description  F4 Series GPS Receiver Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-GPS-F4 Datasheet(HTML) 14 Page - Linx Technologies

Back Button MDEV-GPS-F4 Datasheet HTML 10Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 11Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 12Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 13Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 14Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 15Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 16Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 17Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 18Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
–
–
–
–
22
23
103 – Update Rate Control
This command is used to control the output of standard NMEA messages
GGA, GLL, GSA, GSV, RMC and VTG. Using this command message,
standard NMEA messages may be polled once, or setup for periodic
output. Checksums may also be enabled or disabled depending on the
needs of the receiving program. NMEA message settings are saved in
battery-backed memory for each entry when the message is accepted.
Figure 23 contains the values for the following example:
1. Query the GGA message with checksum enabled
$PSRF103,00,01,00,01*25
2. Enable VTG message for a 1Hz constant output with checksum
enabled
$PSRF103,05,00,01,01*20
3. Disable VTG message
$PSRF103,05,00,00,01*21
4. Enable 5Hz mode
$PSRF103,0,6,0,0*23
5. Disable 5Hz mode
$PSRF103,0,7,0,0*22
Update Rate Control Example1
Name
Example
Units
Description
Message ID
$PSRF103
PSRF103 protocol header
Msg
00
See Figure 24
Mode
01
0=SetRate, 1=Query, 6=Enable
divider2, 7=Disable divider
Rate3
00
seconds
Output: off=0, max=255
CksumEnable
01
0=Disable, 1=Enable Checksum
Checksum
*25
<CR> <LF>
End of message termination
1. Default setting is GGA, GLL, GSA, GSV, RMC and VTG NMEA messages are enabled
with checksum at a rate of 1 second.
2. Enabling the rate divider divides the rate value by 5.
3. Rate value sets the period of a single transmission. For maximum update rate (5Hz)
enter a value of 1 and enable the rate divider.
Figure 23: Update Rate Control Example
Note: When using 5Hz mode, it is recommended to disable any
unused NMEA message types (see example 3) and set the serial port
to maximum baud rate (see Figure 20). The rate divider takes effect
only after a fix is established.
MSGValues
Value
Description
0
GGA
1
GLL
2
GSA
3
GSV
4
RMC
5
VTG
6
MSS (not supported)
7
Not defined
8
ZDA
9
Not defined
Figure 24: MSG Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com