Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-GPS-F4 Datasheet(PDF) 20 Page - Linx Technologies

Part # MDEV-GPS-F4
Description  F4 Series GPS Receiver Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-GPS-F4 Datasheet(HTML) 20 Page - Linx Technologies

Back Button MDEV-GPS-F4 Datasheet HTML 16Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 17Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 18Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 19Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 20Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 21Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 22Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 23Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 24Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
–
–
–
–
34
35
215 – Query: Get Configuration and GPIO Current State
Figure 44 below contains the values for the following example to read the
configuration and state of all of the GPIO lines:
$PLSC,215*16
The receiver outputs a response to this command. Figure 45 contains the
response for the above command.
Query Example
Name
Example
Units
Description
MID
$PLSC,215
Message ID
Checksum
*16
<CR> <LF>
End of message termination
Figure 44: Query Example
WriteOutput Example
Name
Example
Units
Description
MID
$PLSR,215
Message ID
Count
5
Total number of GPIOs
GPIO Number
A
GPIO Number
Configuration
0
Direction; 0 = Input; 1 = Output
Current State
0
0 = Low; 1 = High
GPIO Number
B
GPIO Number
Configuration
0
Direction; 0 = Input; 1 = Output
Current State
0
0 = Low; 1 = High
GPIO Number
C
GPIO Number
Configuration
0
Direction; 0 = Input; 1 = Output
Current State
0
0 = Low; 1 = High
GPIO Number
D
GPIO Number
Configuration
0
Direction; 0 = Input; 1 = Output
Current State
1
0 = Low; 1 = High
GPIO Number
E
GPIO Number
Configuration
0
Direction; 0 = Input; 1 = Output
Current State
0
0 = Low; 1 = High
Checksum
*72
<CR> <LF>
End of message termination
Figure 45: Query Response Example
For some further examples of this command:
Set GPIO 1 to low
Input command: $PLSC,215*16
Output response: $PLSR,215,5,1,0,0,10,0,1,13,0,1,14,0,1,15,0,1*00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com