Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-GPS-F4 Datasheet(PDF) 19 Page - Linx Technologies

Part # MDEV-GPS-F4
Description  F4 Series GPS Receiver Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-GPS-F4 Datasheet(HTML) 19 Page - Linx Technologies

Back Button MDEV-GPS-F4 Datasheet HTML 15Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 16Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 17Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 18Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 19Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 20Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 21Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 22Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 23Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
–
–
–
–
32
33
213 – WriteOutput
Figure 40 contains the values for the following example to write the state of
GPIOA to low:
$PLSC,213,A,0*61
The receiver outputs a response to this command. Figure 41 contains the
response for the above command.
For some further examples of this command:
Set GPIOA to low
Input command: $PLSC,213,A,0*61
Output response: $PLSR,213,1*1C
Set GPIOA to high
Input command: $PLSC,213,A,1*60
Output response: $PLSR,213,1*1C
GPIOA is not an output
Input command: $PLSC,213,A,1*60
Output response: $PLSR,213,0*1D
WriteOutput Example
Name
Example
Units
Description
MID
$PLSC,213
Message ID
GPIO Number
A
Number of the GPIO line to write. Only one
line can be set at a time.
State
0
State; 0 = Low; 1 = High
Checksum
*61
<CR> <LF>
End of message termination
Figure 40: WriteOutput Example
WriteOutput Response Example
Name
Example
Units
Description
MID
$PLSR,213
Message ID
Valid
A
0: command invalid, 1: command valid
Checksum
*1C
<CR> <LF>
End of message termination
Figure 41: WriteOutput Response Example
214 – Query: Get Configuration and GPIO Last State
Figure 42 contains the values for the following example to read the
configuration and state of all of the GPIO lines:
$PLSC,214*17
The receiver outputs a response to this command. Figure 43 contains the
response for the above command.
Query Example
Name
Example
Units
Description
MID
$PLSC,214
Message ID
Checksum
*17
<CR> <LF>
End of message termination
Figure 42: Query Example
WriteOutput Example
Name
Example
Units
Description
MID
$PLSR,214
Message ID
Count
5
Total number of GPIOs
GPIO Number
A
GPIO Number
Configuration
0
Direction; 0 = Input; 1 = Output
Current State
0
0 = Low; 1 = High
GPIO Number
B
GPIO Number
Configuration
0
Direction; 0 = Input; 1 = Output
Current State
0
0 = Low; 1 = High
GPIO Number
C
GPIO Number
Configuration
0
Direction; 0 = Input; 1 = Output
Current State
0
0 = Low; 1 = High
GPIO Number
D
GPIO Number
Configuration
0
Direction; 0 = Input; 1 = Output
Current State
1
0 = Low; 1 = High
GPIO Number
E
GPIO Number
Configuration
0
Direction; 0 = Input; 1 = Output
Current State
0
0 = Low; 1 = High
Checksum
*73
<CR> <LF>
End of message termination
Figure 43: Query Response Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com