Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-GPS-F4 Datasheet(PDF) 16 Page - Linx Technologies

Part # MDEV-GPS-F4
Description  F4 Series GPS Receiver Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-GPS-F4 Datasheet(HTML) 16 Page - Linx Technologies

Back Button MDEV-GPS-F4 Datasheet HTML 12Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 13Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 14Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 15Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 16Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 17Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 18Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 19Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 20Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
–
–
–
–
26
27
200 – PowerManagement
This command sets the power mode to Full Power, Adaptive Trickle Power,
or Push-to-Fix mode. Figure 29 contains the values for the following
example to set the receiver to Adaptive Trickle Power mode:
$PLSC,200,2,200,3000,300000,30000*0D
Figure 28: Power Management Command Example
Power Management Command Example1
Name
Example
Units Description
MID
$PLSC,200
Message ID
Mode
2
See Figure 30
OnTime
200
(200 – 900)
ms
Must be a multiple of 100 (if not, it is
rounded up to the nearest multiple of 100).
Set this to 0 when Mode = 3.
LP Interval
3000
(1000 – 10000)
ms
Must be an integer value
≥1000 and
≤10000. Set this to 0 when Mode = 3.
MaxAcqTime
300000
(
≥1000)
ms
When Adaptive Trickle Power is enabled,
this is the maximum allowable time from
the start of a power cycle to the time a valid
position fix is obtained. If no fix is obtained
in this time, the receiver is deactivated
for up to MaxOffTime, and a hot start is
commanded when the receiver reactivates.
The integer must be in multiples of
1000ms. There is no upper limit.
MaxOffTime
30000
(1000 –
1800000)
ms
The longest period (in mS) for which
the receiver deavtivates due to the
MaxAcqTime timeout. The actual
deactivated period may be less if the
user-specified duty cycle (OnTime /
LpInterval) can be maintained.
PushToFixPeriod
(10 – 7200)
sec
The receiver automatically awakens every
Push-to-Fix period to obtain a position fix,
collect ephemeris (if needed), and calibrate
the real-time clock (RTC) (if needed).
Checksum
*0D
<CR> <LF>
End of message termination
1. Default setting is full power; trickle power disabled.
Mode Values
Value
Description
0
Ask the receiver to send the current power mode
1
Set the receiver to Full Power mode
2
Set the receiver to Adaptive Trickle Power mode
3
Set the receiver to Push-to-Fix mode
Figure 29: Power Management Command Example
Figure 30: Power Management Mode Values
The receiver outputs a response to this command. Figure 31
contains the response for the above command:
$PLSR,200,1,2,300,1000,300000,30000*02
For some further examples of this command:
Query the power management mode
Input command: $PLSC,200,0*0E
Output response: $PLSR,200,1,1*03
Set the receiver to Full Power mode
Input command: $PLSC,200,1*0F
Output response: $PLSR,200,1,1*03
Set the receiver to Adaptive Trickle Power mode
Input command: $PLSC,200,2,900,10000,300000,30000*34
Output response: $PLSR,200,1,2,900,10000,300000,30000*38
Set the receiver to Push-to-Fix Power mode
Input command: $PLSC,200,3,0,0,300000,30000,7200*14
Output response: $PLSR,200,1,3,300000,30000,7200*18
Power Management Response Example
Name
Example
Units
Description
MID
$PLSC,200
Message ID
Valid
1
0: command invalid, 1:command valid
Mode
2
See Figure 30
OnTime
200
ms
Displayed when mode = 2
LP Interval
3000
ms
Displayed when mode = 2
MaxAcqTime
300000
ms
Displayed when mode = 2 or 3
MaxOffTime
30000
ms
Displayed when mode = 2 or 3
PushToFixPeriod
sec
Displayed when mode = 3
Checksum
*01
<CR> <LF>
End of message termination
Figure 31: Power Management Response Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com