Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV04K Datasheet(PDF) 56 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 56 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 52Page - STMicroelectronics ST25DV04K Datasheet HTML 53Page - STMicroelectronics ST25DV04K Datasheet HTML 54Page - STMicroelectronics ST25DV04K Datasheet HTML 55Page - STMicroelectronics ST25DV04K Datasheet HTML 56Page - STMicroelectronics ST25DV04K Datasheet HTML 57Page - STMicroelectronics ST25DV04K Datasheet HTML 58Page - STMicroelectronics ST25DV04K Datasheet HTML 59Page - STMicroelectronics ST25DV04K Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 200 page
background image
Table 69. Security session type
Security session
Open by presenting
Right granted when security session is open, and until it is closed
RF user
RF password 1, 2 or 3 (1)
(RF_PWD_1, RF_PWD_2,
RF_PWD_3)
RF user access to protected user memory as defined in RFAiSS registers
RF user write access to RF password 1, 2 or 3 (2)
RF configuration
RF password 0
(RF_PWD_0)
RF user write access to configuration static registers
RF user write access to RF password 0
I2C
I2C password
(I2C_PWD)
I2C host access to protected user memory as defined in I2CSS register
I2C host write access to configuration static registers
I2C host write access to I2C password
1. Password number must be the same as the one selected for protection.
2. Write access to the password number corresponding to the password number presented.
All passwords are 64-bits long, and default factory passwords value is 0000000000000000h.
The ST25DVxxx passwords management is organized around RF and I2C dedicated set of commands to access
the dedicated registers in system configuration area where password values are stored.
The dedicated password commands in RF mode are:
•
Write Password command (code B1h): see Section 7.6.35 Write Password.
•
Present Password command (code B3h): see Section 7.6.36 Present Password.
RF user possible actions for security sessions are:
•
Open RF user security session: Present Password command, with password number 1, 2 or 3 and the
valid corresponding password
•
Write RF password: Present Password command, with password number (0, 1, 2 or 3) and the current valid
corresponding password. Then Write Password command, with same password number (0, 1, 2 or 3) and
the new corresponding password.
•
Close RF user security session: Present Password command, with a different password number than
the one used to open session or any wrong password. Or remove tag from RF field (POR). Presenting a
password with an invalid password number doesn't close the session.
•
Open RF configuration security session: Present Password command, with password number 0 and the
valid password 0.
•
Close RF configuration security session: Present Password command, with a password number different
than 0, or password number 0 and wrong password 0. Or remove tag from RF field (POR). Presenting a
password with an invalid password number doesn't close the session.
Opening any new RF security session (user or configuration) automatically close the previously open one (even if
it fails).
There is no interaction between I2C and RF security sessions. Both are independent, and can run in parallel.
Caution:
If ST25DVxxx is powered through VCC, removing VCC during a RF command can abort the command. As a
consequence, before writing a new password, RF user should check if VCC is ON, by reading EH_CTRL_Dyn
register bit 3 (VCC_ON), and eventually ask host to maintain or to shut down VCC, before issuing the Write
Password command in order to avoid password corruption.
To make the application more robust, it is recommended to use addressed or selected mode during write
password operations to get the traceability of which tags/UID have been programmed.
ST25DV04K ST25DV16K ST25DV64K
Data Protection
DS10925 - Rev 9
page 56/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com