Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV04K Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 19Page - STMicroelectronics ST25DV04K Datasheet HTML 20Page - STMicroelectronics ST25DV04K Datasheet HTML 21Page - STMicroelectronics ST25DV04K Datasheet HTML 22Page - STMicroelectronics ST25DV04K Datasheet HTML 23Page - STMicroelectronics ST25DV04K Datasheet HTML 24Page - STMicroelectronics ST25DV04K Datasheet HTML 25Page - STMicroelectronics ST25DV04K Datasheet HTML 26Page - STMicroelectronics ST25DV04K Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 200 page
background image
Dynamic Registers
Table 18. MB_CTRL_Dyn access
RF
I2C
Command
Type
Address
Type
Read Dynamic Configuration (cmd code ADh) @0Dh
Fast Read Dynamic Configuration (cmd code CDh) @0Dh
Write Dynamic Configuration (cmd code AEh) @0Dh
Fast Write Dynamic Configuration (cmd code CEh) @0Dh
b0: R always, W always
b7-b1: RO
E2 = 0, 2006h
b0: R always, W always
b7-b1: RO
Table 19. MB_CTRL_Dyn
Bit
Name
Function
Factory Value
b0
MB_EN (1)
0: Disable FTM, FTM mailbox is empty
1: Enable FTM
0b
b1
HOST_PUT_MSG
0: No I2C message in FTM mailbox
1: I2C has Put a message in FTM mailbox
0b
b2
RF_PUT_MSG
0: No RF message in FTM mailbox
1: RF has Put message in FTM mailbox
0b
b3
RFU
-
0b
b4
HOST_MISS_MSG
0: No message missed by I2C
1: I2C did not read RF message before watchdog time out
0b
b5
RF_MISS_MSG
0: No message missed by RF
1: RF did not read message before watchdog time out
0b
b6
HOST_CURRENT_MSG
0: No message or message not coming from I2C
1: Current Message in FTM mailbox comes from I2C
0b
b7
RF_CURRENT_MSG
0: No message or message not coming from RF
1: Current Message in FTM mailbox comes from RF
0b
1. MB_EN bit is automatically reset to 0 if MB_MODE register is reset to 0.
Note:
Refer to Table 12. Dynamic registers memory map for the MB_CTRL_Dyn register.
Table 20. MB_LEN_Dyn access
RF
I2C
Command
Type
Address
Type
Read Message Length (cmd code ABh)
Fast Read Message Length (cmd code CBh)
RO
E2 = 0, 2007h
RO
ST25DV04K ST25DV16K ST25DV64K
Fast transfer mode (FTM)
DS10925 - Rev 9
page 23/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com