Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV04K Datasheet(PDF) 83 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 83 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 79Page - STMicroelectronics ST25DV04K Datasheet HTML 80Page - STMicroelectronics ST25DV04K Datasheet HTML 81Page - STMicroelectronics ST25DV04K Datasheet HTML 82Page - STMicroelectronics ST25DV04K Datasheet HTML 83Page - STMicroelectronics ST25DV04K Datasheet HTML 84Page - STMicroelectronics ST25DV04K Datasheet HTML 85Page - STMicroelectronics ST25DV04K Datasheet HTML 86Page - STMicroelectronics ST25DV04K Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 200 page
background image
7.6.2
Command codes list
The ST25DVxxx supports the commands described in this section. Their codes are given in Table 101. Command
codes.
Table 101. Command codes
Command
code standard
Function
Command
code custom
Function
01h
Inventory
A0h
Read Configuration
02h
Stay Quiet
A1h
Write Configuration
20h
Read Single Block
A9h
Manage GPO
21h
Write Single Block
AAh
Write Message
22h
Lock Block
ABh
Read Message Length
23h
Read Multiple Blocks
ACh
Read Message
24h
Write Multiple Blocks
ADh
Read Dynamic Configuration
25h
Select
AEh
Write Dynamic Configuration
26h
Reset to Ready
B1h
Write Password
27h
Write AFI
B3h
Present Password
28h
Lock AFI
C0h
Fast Read Single Block
29h
Write DSFID
C3h
Fast Read Multiple Blocks
30h
Extended Read Single Block
C4h
Fast Extended Read Single Block
31h
Extended Write Single Block
C5h
Fast Extended Read Multiple Block
32h
Extended Lock block
CAh
Fast Write Message
33h
Extended Read Multiple Blocks
CBh
Fast Read Message Length
34h
Extended Write Multiple Blocks
CCh
Fast Read Message
2Ah
Lock DSFID
CDh
Fast Read Dynamic configuration
2Bh
Get System Info
CEh
Fast Write Dynamic Configuration
2Ch
Get Multiple Block Security Status
-
-
3Bh
Extended Get System Info
-
-
3Ch
Extended Get Multiple Block Security Status
-
-
7.6.3
General command rules
In case of a valid command, the following paragraphs will describe the expected behavior for each command.
But in case of an invalid command, in a general manner, the ST25DVxxx will behave as follows:
1.
if flag usage is incorrect, the error code 03h will be issued only if the right UID is used in the command,
otherwise no response will be issued.
2.
error 02h will be issued if the custom command is used with the manufacturer code different from the ST one
Another case is if I2C is busy. In this case, any RF command (except Inventory, Select, Stay quiet and Reset to
ready) will get 0Fh error code as response only:
•
if select flag and address flags are not set at the same time (except if ST25DVxxx is in quiet state)
•
if select flag is set and ST25DVxxx is in selected state.
For all other commands, if I2C is busy, no response will be issued by ST25DVxxx.
ST25DV04K ST25DV16K ST25DV64K
RF commands
DS10925 - Rev 9
page 83/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com