Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV04K Datasheet(PDF) 58 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 58 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 54Page - STMicroelectronics ST25DV04K Datasheet HTML 55Page - STMicroelectronics ST25DV04K Datasheet HTML 56Page - STMicroelectronics ST25DV04K Datasheet HTML 57Page - STMicroelectronics ST25DV04K Datasheet HTML 58Page - STMicroelectronics ST25DV04K Datasheet HTML 59Page - STMicroelectronics ST25DV04K Datasheet HTML 60Page - STMicroelectronics ST25DV04K Datasheet HTML 61Page - STMicroelectronics ST25DV04K Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 200 page
background image
Figure 23. I2C security sessions management
VCC
OFF
VCC ON
VCC OFF
I2C security
session closed
I2C_SSO=00h
I2C security
session opened
I2C_SSO=01h
Present
I2C_PWD not OK
Any other
command
Present
I2C_PWD
OK
Any other
command
5.6.3
User memory protection
On factory delivery, areas are not protected.
Each area can be individually protected in read and/or write access from RF and I2C.
Area 1 is always readable (from RF and I2C).
Furthermore, RF blocks 0 and 1 (I2C bytes 0000h to 0007h) can be independently write locked.
User memory protection from RF access
In RF mode, each memory area of the ST25DVxxx can be individually protected by one out of three available
passwords (RF password 1, 2 or 3), and each area can also have individual Read/Write access conditions.
For each area, an RFAiSS register is used to:
•
Select the RF password that unlock the RF user security session for this area
•
Select the protection against read and write operations for this area
(See Table 44. RFA1SS, Table 46. RFA2SS, Table 48. RFA3SS, and Table 50. RFA4SS for details about available
read and write protections).
Note:
Setting 00b in PWD_CTRL_Ai field means that RF user security session cannot be open by any password for
the corresponding area.
When updating RFAiSS registers, the new protection value is effective immediately after the register write
completion.
ST25DV04K ST25DV16K ST25DV64K
Data Protection
DS10925 - Rev 9
page 58/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com