Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV04K Datasheet(PDF) 92 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 92 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 88Page - STMicroelectronics ST25DV04K Datasheet HTML 89Page - STMicroelectronics ST25DV04K Datasheet HTML 90Page - STMicroelectronics ST25DV04K Datasheet HTML 91Page - STMicroelectronics ST25DV04K Datasheet HTML 92Page - STMicroelectronics ST25DV04K Datasheet HTML 93Page - STMicroelectronics ST25DV04K Datasheet HTML 94Page - STMicroelectronics ST25DV04K Datasheet HTML 95Page - STMicroelectronics ST25DV04K Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 200 page
background image
•
No parameter
Table 124. Extended Lock block response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set
–
03h: command option not supported
–
10h: block not available
–
11h: the specified block is already locked and thus cannot be locked again
–
14h: the specified block was not successfully locked
Figure 40. Extended Lock block frame exchange between VCD and ST25DVxxx
SOF
Extended
Lock block
request
VCD
EOF
ST25DVxxx
t1
SOF
Extended
Lock block
response
EOF
SOF
Extended
Lock block
response
EOF
ST25DVxxx
Wt
Lock sequence
when error
7.6.12
Read Multiple Blocks
When receiving the Read Multiple Block command, the ST25DVxxx reads the selected blocks and sends back
their value in multiples of 32 bits in the response. The blocks are numbered from 00h to FFh in the request and
the value is minus one (–1) in the field. For example, if the “Number of blocks” field contains the value 06h, seven
blocks are read. The maximum number of blocks is fixed at 256 assuming that they are all located in the same
area. If the number of blocks overlaps areas or overlaps the end of user memory, the ST25DVxxx returns an error
code. When the Option_flag is set, the response returns the Block Security Status.
The Inventory_flag must be set to 0.
Block number is coded on 1 Byte and only first 256 blocks of ST25DV16K-xx and ST25DV64K-xx can be
addressed using this command.
Table 125. Read Multiple Block request format
Request SOF Request_flags
Read Multiple
Block
UID (1)
First block
number
Number of blocks CRC16 Request EOF
-
8 bits
23h
64 bits 8 bits
8 bits
16 bits
-
1. The field is optional.
Request parameters:
•
Request flags
•
UID (optional)
•
First block number
ST25DV04K ST25DV16K ST25DV64K
RF commands
DS10925 - Rev 9
page 92/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com