Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV04K Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 23Page - STMicroelectronics ST25DV04K Datasheet HTML 24Page - STMicroelectronics ST25DV04K Datasheet HTML 25Page - STMicroelectronics ST25DV04K Datasheet HTML 26Page - STMicroelectronics ST25DV04K Datasheet HTML 27Page - STMicroelectronics ST25DV04K Datasheet HTML 28Page - STMicroelectronics ST25DV04K Datasheet HTML 29Page - STMicroelectronics ST25DV04K Datasheet HTML 30Page - STMicroelectronics ST25DV04K Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 200 page
background image
Figure 11. Fast transfer mode mailbox access management.
Watchdog trig
I2C
read
full
msg
RF
read
full
msg
I2C read
MB_CTRL_Dyn
RF read
MB_CTRL_Dyn
FTM disabled
MB_CTRL_Dyn=00h
No access
FTM enabled
Mailbox empty
MB_CTRL_Dyn=01h
R/W access
FTM enabled
RF Message
MB_CTRL_Dyn=85h
Read access
FTM enabled
Mailbox free
MB_CTRL_Dyn=41/81h
R/W access
FTM enabled
I2C Message
MB_CTRL_Dyn=43h
Read access
MB_EN=00h or
VCC OFF
FTM enabled
Mailbox free
MB_CTRL_Dyn=61/91h
R/W access
MB_EN=00h or
VCC OFF
MB_EN=00h or
VCC OFF
VCC ON and
MB_EN=01h
I2C write msg
RF write msg
I2C read msg
RF read msg
Watchdog trig
Mailbox free
Note:
Assuming MB_MODE=01h
Assuming no error occurred
5.2
GPO
GPO signal is used to alert the I2C host of external RF events or ST25DVxxx processes activity. Several causes
could be used to request a host interruption. RF user can also directly drive GPO pin level using a dedicated RF
command.
5.2.1
ST25DVxxx interrupt capabilities on RF events
ST25DVxxx supports multi interruption mode and can report several events occurring through RF interface.
In this chapter, all drawings are referring to the open drain version of GPO output (ST25DVxxK-IE).
The reader can retrieve the behaviour of CMOS version (ST25DVxxK-JF) by inverting the GPO curve polarity and
replace in text “released” or “high-Z” by “pull to ground”.
Supported RF events is listed hereafter:
ST25DV04K ST25DV16K ST25DV64K
GPO
DS10925 - Rev 9
page 27/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com