Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV04K Datasheet(PDF) 98 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 98 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 94Page - STMicroelectronics ST25DV04K Datasheet HTML 95Page - STMicroelectronics ST25DV04K Datasheet HTML 96Page - STMicroelectronics ST25DV04K Datasheet HTML 97Page - STMicroelectronics ST25DV04K Datasheet HTML 98Page - STMicroelectronics ST25DV04K Datasheet HTML 99Page - STMicroelectronics ST25DV04K Datasheet HTML 100Page - STMicroelectronics ST25DV04K Datasheet HTML 101Page - STMicroelectronics ST25DV04K Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 200 page
background image
Figure 44. Extended Write Multiple Block frame exchange between VCD and ST25DVxxx
SOF
Extended Write
Multiple Block
request
VCD
EOF
ST25DVxxx
t1
SOF
Extended Write
Multiple Block
response
EOF
SOF
Extended Write
Multiple Block
response
EOF
ST25DVxxx
Wt
Write sequence
when error
7.6.16
Select
When receiving the Select command:
•
If the UID is equal to its own UID, the ST25DVxxx enters or stays in the Selected state and sends a
response.
•
If the UID does not match its own UID, the selected ST25DVxxx returns to the Ready state and does not
send a response.
The ST25DVxxx answers an error code only if the UID is equal to its own UID. If not, no response is generated. If
an error occurs, the ST25DVxxx remains in its current state.
The Option_flag is not supported, and the Inventory_flag must be set to 0.
Table 139. Select request format
Request SOF
Request_flags
Select
UID
CRC16
Request EOF
-
8 bits
25h
64 bits
16 bits
-
Request parameter:
•
UID
Table 140. Select Block response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
-
8 bits
16 bits
-
Response parameter:
•
No parameter
Table 141. Select response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set:
–
03h: the option is not supported
–
0Fh: error with no information given
ST25DV04K ST25DV16K ST25DV64K
RF commands
DS10925 - Rev 9
page 98/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com