Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV04K Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 61Page - STMicroelectronics ST25DV04K Datasheet HTML 62Page - STMicroelectronics ST25DV04K Datasheet HTML 63Page - STMicroelectronics ST25DV04K Datasheet HTML 64Page - STMicroelectronics ST25DV04K Datasheet HTML 65Page - STMicroelectronics ST25DV04K Datasheet HTML 66Page - STMicroelectronics ST25DV04K Datasheet HTML 67Page - STMicroelectronics ST25DV04K Datasheet HTML 68Page - STMicroelectronics ST25DV04K Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 200 page
background image
6.1.2
Stop condition
Stop is identified by a rising edge of serial data (SDA) while the serial clock (SCL) is stable and driven high.
A Stop condition terminates communication between the device and the bus master. A Read command that
is followed by NoAck can be followed by a Stop condition to force the device into the Standby mode. A Stop
condition at the end of a Write command triggers the internal write cycle.
6.1.3
Acknowledge bit (ACK)
The acknowledge bit is used to indicate a successful byte transfer. The bus transmitter, whether a bus master or a
slave device, releases the serial data (SDA) after sending eight bits of data. During the 9th clock pulse period, the
receiver pulls the SDA low to acknowledge the receipt of the eight data bits.
6.1.4
Data input
During data input, the device samples serial data (SDA) on the rising edge of the serial clock (SCL). For correct
device operation, the SDA must be stable during the rising edge of the SCL, and the SDA signal must change
only when the SCL is driven low.
6.2
I2C timeout
During the execution of an I²C operation, RF communications are not possible.
To prevent RF communication freezing due to inadvertent indeterminate instructions sent to the I²C bus, the
ST25DVxxx features a timeout mechanism that automatically resets the I²C logic block.
6.2.1
I2C timeout on Start condition
I2C communication with the ST25DVxxx starts with a valid Start condition, followed by a device select code.
If the delay between the Start condition and the following rising edge of the serial clock (SCL) that samples the
most significant of the Device Select exceeds the tSTART_OUT time (see Table 248. I2C AC characteristics up to
85°C and Table 249. I2C AC characteristics up to 125°C), the I²C logic block is reset and further incoming data
transfer is ignored until the next valid Start condition.
Figure 25. I²C timeout on Start condition
SCL
SDA
tSTART_OUT
Start
condition
6.2.2
I2C timeout on clock period
During data transfer on the I²C bus, if the serial clock pulse width high (tCHCL) or serial clock pulse width low
(tCLCH) exceeds the maximum value specified in Table 248. I2C AC characteristics up to 85°C and Table 249. I2C
AC characteristics up to 125°C, the I²C logic block is reset and any further incoming data transfer is ignored until
the next valid Start condition.
ST25DV04K ST25DV16K ST25DV64K
I2C timeout
DS10925 - Rev 9
page 65/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com