Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV04K Datasheet(PDF) 102 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 102 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 98Page - STMicroelectronics ST25DV04K Datasheet HTML 99Page - STMicroelectronics ST25DV04K Datasheet HTML 100Page - STMicroelectronics ST25DV04K Datasheet HTML 101Page - STMicroelectronics ST25DV04K Datasheet HTML 102Page - STMicroelectronics ST25DV04K Datasheet HTML 103Page - STMicroelectronics ST25DV04K Datasheet HTML 104Page - STMicroelectronics ST25DV04K Datasheet HTML 105Page - STMicroelectronics ST25DV04K Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 200 page
background image
Figure 47. Write AFI frame exchange between VCD and ST25DVxxx
SOF
Write AFI
request
VCD
EOF
ST25DVxxx
t1
SOF
Write AFI
response
EOF
SOF
EOF
ST25DVxxx
Wt
Write sequence
when error
Write AFI
response
7.6.19
Lock AFI
On receiving the Lock AFI request, the ST25DVxxx locks the AFI value permanently. When the Option_flag is set,
wait for EOF to respond.
The Inventory_flag must be set to 0.
During the RF write cycle Wt, there should be no modulation (neither 100% nor 10%), otherwise the ST25DVxxx
may not lock correctly the AFI value in memory. The Wt time is equal to t1nom + N × 302 µs (N is an integer).
Table 148. Lock AFI request format
Request SOF
Request_flags
Lock AFI
UID (1)
CRC16
Request EOF
-
8 bits
28h
64 bits
16 bits
-
1. This field is optional.
Request parameter:
•
Request Flags
•
UID (optional)
Table 149. Lock AFI response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
-
8 bits
16 bits
-
Response parameter:
•
No parameter
Table 150. Lock AFI response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
ST25DV04K ST25DV16K ST25DV64K
RF commands
DS10925 - Rev 9
page 102/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com