Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV16K Datasheet(PDF) 137 Page - STMicroelectronics

Part # ST25DV16K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16K Datasheet(HTML) 137 Page - STMicroelectronics

Back Button ST25DV16K Datasheet HTML 133Page - STMicroelectronics ST25DV16K Datasheet HTML 134Page - STMicroelectronics ST25DV16K Datasheet HTML 135Page - STMicroelectronics ST25DV16K Datasheet HTML 136Page - STMicroelectronics ST25DV16K Datasheet HTML 137Page - STMicroelectronics ST25DV16K Datasheet HTML 138Page - STMicroelectronics ST25DV16K Datasheet HTML 139Page - STMicroelectronics ST25DV16K Datasheet HTML 140Page - STMicroelectronics ST25DV16K Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 200 page
background image
8
Unique identifier (UID)
The ST25DVxxx is uniquely identified by a 64-bit unique identifier (UID). This UID complies with ISO/IEC 15963
and ISO/IEC 7816-6. The UID is a read-only code and comprises:
•
eight MSBs with a value of E0h,
•
the IC manufacturer code “ST 02h” on 8 bits (ISO/IEC 7816-6/AM1),
•
a unique serial number on 48 bits.
Table 241. UID format
MSB
LSB
63
56
55
48
47
40
39
0
0xE0
0x02
ST product code (1)
Unique serial number
1. See Table 85. UID for ST product code value definition.
With the UID, each ST25DVxxx can be addressed uniquely and individually during the anticollision loop and for
one-to-one exchanges between a VCD and an ST25DVxxx.
ST25DV04K ST25DV16K ST25DV64K
Unique identifier (UID)
DS10925 - Rev 9
page 137/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com