Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV16K Datasheet(PDF) 138 Page - STMicroelectronics

Part # ST25DV16K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16K Datasheet(HTML) 138 Page - STMicroelectronics

Back Button ST25DV16K Datasheet HTML 134Page - STMicroelectronics ST25DV16K Datasheet HTML 135Page - STMicroelectronics ST25DV16K Datasheet HTML 136Page - STMicroelectronics ST25DV16K Datasheet HTML 137Page - STMicroelectronics ST25DV16K Datasheet HTML 138Page - STMicroelectronics ST25DV16K Datasheet HTML 139Page - STMicroelectronics ST25DV16K Datasheet HTML 140Page - STMicroelectronics ST25DV16K Datasheet HTML 141Page - STMicroelectronics ST25DV16K Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 200 page
background image
9
Device parameters
9.1
Maximum rating
Stressing the device above the rating listed in Table 242. Absolute maximum ratings may cause permanent
damage to the device. These are stress ratings only and operation of the device, at these or any other
conditions above those indicated in the operating sections of this specification, is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect the device reliability. Device mission profile
(application conditions) is compliant with JEDEC JESD47 qualification standard. Extended mission profiles can be
assessed on demand.
Refer also to the STMicroelectronics SURE Program and other relevant quality documents.
Table 242. Absolute maximum ratings
Symbol
Parameter
Min. Max.
Unit
TA
Ambient operating temperature
Range 6
All packages
RF and
I2C interfaces
-40
85
°C
Range 8
UFDFPN8, UFDFPN12
RF and
I2C interfaces
- 40
105
°C
SO8N, TSSOP
RF interface
- 40
105
°C
I2C interface
- 40
125
°C
TSTG
Storage Temperature
Sawn wafer on UV tape kept in its original packing form
15
25
°C
tSTG
Retain
-
9 (1)
months
TSTG
Storage temperature
UFDFPN8 (MLP8),SO8N, TSSOP8, UFDFPN12, WLCSP10
- 65
150
°C
TLEAD
Lead temperature during soldering
see note (2)
°C
VIO
I2C input or output range
- 0.50 6.5
V
VDCG
Supply GPO CMOS driver
- 0.50 6.5
V
VCC
I2C supply voltage
- 0.50 6.5
V
IOL_MAX_SDA
DC output current on pin SDA (when equal to 0)
-
5
mA
IOL_MAX_GPO_OD DC output current on pin GPO open drain (when equal to 0)
-
1.5
mA
VMAX_1 (3)
RF input voltage amplitude peak to peak between AC0 and AC1, VSS pin left floating VAC0 - VAC1
-
11
V
VMAX_2 (3)
AC voltage between AC0 and VSS, or AC1 and VSS
VAC0 - VSS,
or VAC1 - VSS
- 0.50 5.5
V
VESD
Electrostatic discharge voltage (human body model) (4)
All pins
-
2000 V
1. Counted from ST production date.
2. Compliant with JEDEC Std J-STD-020C (for small body, Sn-Pb or Pb assembly), the ST ECOPACK®
7191395 specification, and the European directive on Restrictions on Hazardous Substances (RoHS)
2002/95/EU.
3. Based on characterization, not tested in production.
4. AEC-Q100-002 (compliant with JEDEC Std JESD22-A114, C1 = 100 pF, R1 = 1500 Ω, R2 = 500 Ω)
ST25DV04K ST25DV16K ST25DV64K
Device parameters
DS10925 - Rev 9
page 138/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com