Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5376 Datasheet(PDF) 19 Page - Microchip Technology

Part # MIC5376
Description  High Performance Low Dropout 150 mA LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5376 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MIC5376 Datasheet HTML 15Page - Microchip Technology MIC5376 Datasheet HTML 16Page - Microchip Technology MIC5376 Datasheet HTML 17Page - Microchip Technology MIC5376 Datasheet HTML 18Page - Microchip Technology MIC5376 Datasheet HTML 19Page - Microchip Technology MIC5376 Datasheet HTML 20Page - Microchip Technology MIC5376 Datasheet HTML 21Page - Microchip Technology MIC5376 Datasheet HTML 22Page - Microchip Technology MIC5376 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries
DS20006080B-page 19
MIC5376/7/8
APPENDIX A: REVISION HISTORY
Revision A (October 2018)
• Converted Micrel document MIC5376/7/8 to
Microchip data sheet template DS20006080A.
• Minor grammatical text changes throughout.
• All reference to and information about the
MIC5375 has been removed.
Revision B (February 2022)
• Updated the Package Marking Information draw-
ing with the most current marking information.
• Updated the 4-Lead 1 mm x 1 mm UDFN Pack-
age Outline and Recommended Land Pattern
drawing with the most current drawing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com