Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5376 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC5376
Description  High Performance Low Dropout 150 mA LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5376 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC5376 Datasheet HTML 16Page - Microchip Technology MIC5376 Datasheet HTML 17Page - Microchip Technology MIC5376 Datasheet HTML 18Page - Microchip Technology MIC5376 Datasheet HTML 19Page - Microchip Technology MIC5376 Datasheet HTML 20Page - Microchip Technology MIC5376 Datasheet HTML 21Page - Microchip Technology MIC5376 Datasheet HTML 22Page - Microchip Technology MIC5376 Datasheet HTML 23Page - Microchip Technology MIC5376 Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries
DS20006080B-page 21
MIC5376/7/8
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC5376-2.8YC5-TR:
MIC5376, 2.8V Output
Voltage, –40°C to +125°C
Temperature Range,
5-Lead SC-70, 3000/Reel
b) MIC5376-2.8YMT-TZ:
MIC5376, 2.8V Output
Voltage, –40°C to +125°C
Temperature Range,
4-Lead UDFN, 10000/Reel
c) MIC5377YC5-TR:
MIC5377, Adjustable Output
Voltage, –40°C to +125°C
Temperature Range,
5-Lead SC-70, 3000/Reel
d) MIC5377YMT-TR:
MIC5377, Adjustable Output
Voltage, –40°C to +125°C
Temperature Range,
8-Lead TQFN, 5000/Reel
e) MIC5378YC5-TR:
MIC5378, Adjustable Output
Voltage, –40°C to +125°C
Temperature Range,
5-Lead SC-70, 3000/Reel
f) MIC5378YMT-TR:
MIC5378, Adjustable Output
Voltage, –40°C to +125°C
Temperature Range,
8-Lead TQFN, 5000/Reel
Device:
MIC5376:
High Performance Low Dropout 150 mA
LDO with Fixed Output Voltage and Output
Discharge Circuit
MIC5377:
High Performance Low Dropout 150 mA
LDO with Adjustable Output Voltage
MIC5378:
High Performance Low Dropout 150 mA
LDO with Adjustable Output Voltage and
Output Discharge Circuit
Output Voltage:
2.8 =
2.8V (MIC5376 only)
<blank>= Adjustable (MIC5377 or MIC5378 only)
Junction
Temperature
Range:
Y
=
–40°C to +125°C, RoHS-Compliant
Package:
C5 =
5-Lead SC-70 (MIC5376/7/8)
MT =
4-Lead 1 mm x 1 mm UDFN (MIC5376)
MT =
8-Lead 1.2 mm x 1.2 mm TQFN (MIC5377/8)
Media Type:
TR =
3000/Reel (C5 package option)
TR =
5000/Reel (MIC5377/8 MT package options)
TZ =
10000/Reel (MIC5376 MT package option)
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
Device
-X.X
X
XX
-XX
Part No.
Output
Voltage
Junction
Temp. Range
Package
Media Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com