Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5376 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC5376
Description  High Performance Low Dropout 150 mA LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5376 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC5376 Datasheet HTML 8Page - Microchip Technology MIC5376 Datasheet HTML 9Page - Microchip Technology MIC5376 Datasheet HTML 10Page - Microchip Technology MIC5376 Datasheet HTML 11Page - Microchip Technology MIC5376 Datasheet HTML 12Page - Microchip Technology MIC5376 Datasheet HTML 13Page - Microchip Technology MIC5376 Datasheet HTML 14Page - Microchip Technology MIC5376 Datasheet HTML 15Page - Microchip Technology MIC5376 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
MIC5376/7/8
DS20006080B-page 12
2018 - 2022 Microchip Technology Inc. and its subsidiaries
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
Note:
If the full seven-character YYWWNNN code cannot fit on the package, the following truncated codes are
used based on the available marking space:
6 Characters = YWWNNN; 5 Characters = WWNNN; 4 Characters = WNNN; 3 Characters = NNN;
2 Characters = NN; 1 Character = N
TABLE 5-1:
DEVICE MARKING CODES
Part Number
Output Voltage
Marking Code
MIC5376-2.8YC5
2.8V
2T8
MIC5376-2.8YMT
2.8V
TT
MIC5377YC5
Adjustable
AHA
MIC5377YMT
Adjustable
AH
MIC5378YC5
Adjustable
A67
MIC5378YMT
Adjustable
67A
5-Lead SC-70*
(Front)
Example
XXX
2T8
4-Lead UDFN*
Example
XX
8-Lead TQFN*
TT
5-Lead SC-70*
(Back)
Example
NNN
943
Legend: XX...X Product code or customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle
mark).
Note: In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information. Package may or may not include
the corporate logo.
Underbar (_) and/or Overbar (‾) symbol may not be to scale.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com