Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5376 Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC5376
Description  High Performance Low Dropout 150 mA LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5376 Datasheet(HTML) 2 Page - Microchip Technology

  MIC5376 Datasheet HTML 1Page - Microchip Technology MIC5376 Datasheet HTML 2Page - Microchip Technology MIC5376 Datasheet HTML 3Page - Microchip Technology MIC5376 Datasheet HTML 4Page - Microchip Technology MIC5376 Datasheet HTML 5Page - Microchip Technology MIC5376 Datasheet HTML 6Page - Microchip Technology MIC5376 Datasheet HTML 7Page - Microchip Technology MIC5376 Datasheet HTML 8Page - Microchip Technology MIC5376 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MIC5376/7/8
DS20006080B-page 2
2018 - 2022 Microchip Technology Inc. and its subsidiaries
Package Types
Functional Block Diagram
1
2
4
3
VOUT
GND
EN
VIN
MIC5376 (Fixed Output)
4-Lead 1 mm x 1 mm UDFN (MT)
(Top View)
MIC5377/8 (Adjustable Output)
8-Lead 1.2 mm x 1.2 mm TQFN (MT)
(Top View)
MIC5376 (Fixed Output)
5-Lead SC-70 (C5)
(Top View)
MIC5377/8 (Adjustable Output)
5-Lead SC-70 (C5)
(Top View)
EN
GND
NC
VOUT
VIN
3
1
5
2
4
EN
GND
ADJ
VOUT
VIN
3
1
5
2
4
8
1
2
3
4
7
6
5
EN
VIN
VOUT
GND
GND
ADJ
Reference
LDO
VOUT
GND
VIN
EN
Auto
Discharge
MIC5376 Block Diagram
Reference
LDO
VOUT
ADJ
*MIC5378 Only
GND
VIN
EN
Auto
Discharge*
MIC5377/8 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com