Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5376 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC5376
Description  High Performance Low Dropout 150 mA LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5376 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC5376 Datasheet HTML 6Page - Microchip Technology MIC5376 Datasheet HTML 7Page - Microchip Technology MIC5376 Datasheet HTML 8Page - Microchip Technology MIC5376 Datasheet HTML 9Page - Microchip Technology MIC5376 Datasheet HTML 10Page - Microchip Technology MIC5376 Datasheet HTML 11Page - Microchip Technology MIC5376 Datasheet HTML 12Page - Microchip Technology MIC5376 Datasheet HTML 13Page - Microchip Technology MIC5376 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MIC5376/7/8
DS20006080B-page 10
2018 - 2022 Microchip Technology Inc. and its subsidiaries
4.0
APPLICATION INFORMATION
MIC5376, MIC5377, and MIC5378 are low-noise
150 mA LDO regulators. The MIC5376 and MIC5378
include an auto-discharge circuit that is switched on
when the regulator is disabled through the enable pin.
The MIC5376/7/8 regulators are protected from
damage due to fault conditions, offering linear current
limiting and thermal shutdown.
4.1
Input Capacitor
The MIC5376/7/8 are high-performance, high
bandwidth devices. An input capacitor of 1 µF is
required from the input to ground to provide stability.
Low-ESR ceramic capacitors provide optimal
performance at a minimum of space. Additional
high-frequency capacitors, such as small-valued NPO
dielectric-type capacitors, help filter out high-frequency
noise and are good practice in any RF-based circuit.
X5R or X7R dielectrics are recommended for the input
capacitor. Y5V dielectrics lose most of their
capacitance over temperature and are, therefore, not
recommended.
4.2
Output Capacitor
For output voltages ≥ 2.5V, the MIC5376/7/8 require a
minimum 1 µF output capacitor. For output voltages
below 2.5V, a 2.2 µF minimum output capacitor is
required. The design is optimized for use with low-ESR
ceramic chip capacitors. High-ESR capacitors are not
recommended because they may cause high
frequency oscillation. The output capacitor can be
increased, but performance does not improve
significantly with larger capacitance.
X7R/X5R dielectric-type ceramic capacitors are
recommended
because
of
their
temperature
performance. X7R-type capacitors change capacitance
by 15% over their operating temperature range and are
the most stable type of ceramic capacitors. Z5U and
Y5V dielectric capacitors change value by as much as
50% and 60%, respectively, over their operating
temperature ranges. To use a ceramic chip capacitor
with Y5V dielectric, the value must be much higher than
an X7R ceramic capacitor to ensure the same
minimum capacitance over the equivalent operating
temperature range.
4.3
No-Load Stability
Unlike many other voltage regulators, the MIC5376/7/8
will remain stable and in regulation with no load. This is
especially important in CMOS RAM keep-alive
applications.
4.4
Enable/Shutdown
The MIC5376/7/8 is provided with an active-high
enable pin that allows the regulator to be disabled.
Forcing the enable pin low disables the regulator and
sends it into a “zero” off-mode-current state. In this
state, current consumed by the regulator goes nearly to
zero. Forcing the enable pin high enables the output
voltage. The active-high enable pin uses CMOS
technology and the enable pin cannot be left floating; a
floating enable pin may cause an indeterminate state
on the output.
4.5
Adjustable Regulator Design
The MIC5377/8 adjustable version allows setting the
output voltage down to 1V with the use of two external
feedback resistors.
FIGURE 4-1:
Adjustable Regulator with
Resistors.
4.6
Thermal Considerations
The MIC5376/7/8 are designed to provide 150 mA of
continuous current in a very small package. Maximum
ambient operating temperature can be calculated
based on the output current and the voltage drop
across the part. For example if the input voltage is 3.6V,
the output voltage is 2.8V, and the output current is
150 mA, the actual power dissipation of the regulator
circuit can be determined using the following equation:
EQUATION 4-1:
Because these devices are CMOS and the ground
current is typically <100 µA over the load range, the
power dissipation contributed by the ground current is
<1% and can be ignored for this calculation.
VIN
VOUT
ADJ
GND
U1 MIC5377/8-xxYMT
EN
C2
2.2μF
6.3V
R1
619
J3
VOUT
J4
GND
C1
2.2μF
6.3V
2
1
4,5,6,8
7
3
J1
VIN
J5
EN
J2
GND
R2
267
V
OUT = VREF 1+
R1
R2
(
)
PD
VIN VOUT
–
IOUT
VIN
+
IGND
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com