Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5376 Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC5376
Description  High Performance Low Dropout 150 mA LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5376 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC5376 Datasheet HTML 10Page - Microchip Technology MIC5376 Datasheet HTML 11Page - Microchip Technology MIC5376 Datasheet HTML 12Page - Microchip Technology MIC5376 Datasheet HTML 13Page - Microchip Technology MIC5376 Datasheet HTML 14Page - Microchip Technology MIC5376 Datasheet HTML 15Page - Microchip Technology MIC5376 Datasheet HTML 16Page - Microchip Technology MIC5376 Datasheet HTML 17Page - Microchip Technology MIC5376 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
MIC5376/7/8
DS20006080B-page 14
2018 - 2022 Microchip Technology Inc. and its subsidiaries
4-Lead 1 mm x 1 mm UDFN Package Outline and Recommended Land Pattern
B
A
0.05 C
0.05 C
0.10
C A B
0.05
C
(DATUM B)
(DATUM A)
C
SEATING
PLANE
NOTE 1
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
NOTE 1
0.05
C A B
0.05
C A B
0.05 C
0.08 C
Microchip Technology Drawing C04-1149 Rev A Sheet 1 of 2
2X
4X
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
4-Lead Ultra Thin Plastic Dual Flat, No Lead Package (HCA) - 1x1 mm Body [UDFN]
D
E
e
4X b
L
E2
D2
(A3)
A
A1
12
3
4
12
3
N=4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com