Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5376 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC5376
Description  High Performance Low Dropout 150 mA LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5376 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC5376 Datasheet HTML 7Page - Microchip Technology MIC5376 Datasheet HTML 8Page - Microchip Technology MIC5376 Datasheet HTML 9Page - Microchip Technology MIC5376 Datasheet HTML 10Page - Microchip Technology MIC5376 Datasheet HTML 11Page - Microchip Technology MIC5376 Datasheet HTML 12Page - Microchip Technology MIC5376 Datasheet HTML 13Page - Microchip Technology MIC5376 Datasheet HTML 14Page - Microchip Technology MIC5376 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries
DS20006080B-page 11
MIC5376/7/8
EQUATION 4-2:
To determine the maximum ambient operating
temperature
of
the
package,
use
the
junction-to-ambient thermal resistance of the device
and the following basic equation:
EQUATION 4-3:
The maximum junction temperature of the device is
+125°C. The thermal resistance is 250°C/W for the
UDFN/TQFN packages and 256.5°C/W for the
SC-70-5.
Substituting PD for PD(MAX) and solving for the ambient
operating temperature will give the maximum operating
conditions
for
the
regulator
circuit.
The
junction-to-ambient thermal resistance for the
minimum footprint is 250°C/W.
The maximum power dissipation must not be exceeded
for proper operation.
For example, when operating the MIC5376-2.8YMT at
an input voltage of 3.6V and 150 mA load with a
minimum footprint layout, the maximum ambient
operating temperature (TA) can be determined as
follows:
EQUATION 4-4:
Therefore, a maximum ambient operating temperature
of +95°C is allowed for a 1 mm x 1 mm UDFN package.
For a full discussion of heat sinking and thermal effects
on voltage regulators, refer to the “Regulator Thermals”
section of Microchip’s Designing with Low-Dropout
Voltage Regulators handbook.
PD
3.6V 2.8V
–
150mA
0.12W
=
=
PD MAX
TJ MAX
TA
–
JA
--------------------------------
=
0.12W
125C TA
–
250C/W
=
TA 95C
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com