Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5376 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC5376
Description  High Performance Low Dropout 150 mA LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5376 Datasheet(HTML) 1 Page - Microchip Technology

  MIC5376 Datasheet HTML 1Page - Microchip Technology MIC5376 Datasheet HTML 2Page - Microchip Technology MIC5376 Datasheet HTML 3Page - Microchip Technology MIC5376 Datasheet HTML 4Page - Microchip Technology MIC5376 Datasheet HTML 5Page - Microchip Technology MIC5376 Datasheet HTML 6Page - Microchip Technology MIC5376 Datasheet HTML 7Page - Microchip Technology MIC5376 Datasheet HTML 8Page - Microchip Technology MIC5376 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries
DS20006080B-page 1
MIC5376/7/8
Features
• 4-Lead 1 mm x 1 mm UDFN: MIC5376
• 8-Lead 1.2 mm x 1.2 mm Thin QFN: MIC5377/8
• Low-Cost 5-Lead SC-70 Package Available
• Low Dropout Voltage: 120 mV at 150 mA
• Input Voltage Range: 2.5V to 5.5V
• 150 mA Guaranteed Output Current
• Stable with 0402 Ceramic Capacitors as Low as
1 µF
• Low Quiescent Current: 29 µA
• Excellent Load/Line Transient Response
• Fixed Output Voltages: MIC5376
• Adjustable Output Voltages: MIC5377/8
• Output Discharge Circuit: MIC5376/8
• High Output Accuracy
- ±2% Initial Accuracy
• Thermal Shutdown and Current Limit Protection
Applications
• Mobile Phones
• Digital Cameras
• GPS, PDAs, PMP, Handhelds
• Portable Electronics
General Description
The MIC5376, MIC5377, and MIC5378 are advanced,
general purpose linear regulators that offer low dropout
in ultra-small packages. The MIC5376 provides a fixed
output voltage in a 1 mm x 1 mm UDFN package while
the MIC5377 and MIC5378 provide adjustable output
voltages in a 1.2 mm x 1.2 mm Thin QFN package.
When the MIC5376 or MIC5378 are disabled, an
internal resistive load is automatically applied to the
output to discharge the output capacitor. The
MIC5376/7/8 are capable of sourcing 150 mA output
current with low dropout, making it an ideal solution for
any portable electronic application.
Ideal
for
battery-powered
applications,
the
MIC5376/7/8 offer 2% initial accuracy, low dropout
voltage (120 mV at 150 mA), and ground current
(typically 29 µA). The MIC5376/7/8 can also be put into
a zero-off-mode current state, drawing virtually no
current when disabled.
The MIC5376 is available in lead-free (RoHS
compliant) 1 mm x 1 mm UDFN and SC-70-5
packages. The MIC5377/8 are available in lead-free
(RoHS compliant) 1.2 mm x 1.2 mm Thin QFN and
SC-70-5 packages.
The MIC5376/7/8 have an operating junction
temperature range of –40°C to 125°C.
Typical Application Circuit
VIN
VOUT
VBAT
GND
MIC5376-xxYMT
EN
1μF
1μF
VOUT = 2.8V
High Performance Low Dropout 150 mA LDO


Similar Part No. - MIC5376

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5376 MICREL-MIC5376 Datasheet
344Kb / 18P
High Performance Low Dropout 150mA LDO
MIC5376-2.8YC5 MICREL-MIC5376-2.8YC5 Datasheet
344Kb / 18P
High Performance Low Dropout 150mA LDO
MIC5376-2.8YMT MICREL-MIC5376-2.8YMT Datasheet
344Kb / 18P
High Performance Low Dropout 150mA LDO
More results

Similar Description - MIC5376

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9183 VISHAY-SI9183 Datasheet
130Kb / 10P
High-Performance, Size Saving 150-mA CMOS LDO Regulator
29-Mar-04
logo
List of Unclassifed Man...
B4151 ETC1-B4151 Datasheet
52Kb / 4P
150 mA CMOS Low Dropout LDO
logo
Vishay Siliconix
SI9183 VISHAY-SI9183_05 Datasheet
181Kb / 11P
High-Performance, Size Saving 150-mA CMOS LDO Regulator
20-Jun-05
logo
Micrel Semiconductor
MIC5375 MICREL-MIC5375 Datasheet
344Kb / 18P
High Performance Low Dropout 150mA LDO
logo
Microchip Technology
MCP1754 MICROCHIP-MCP1754 Datasheet
1Mb / 42P
150 mA, 16V, High Performance LDO
2011
MCP1754 MICROCHIP-MCP1754_13 Datasheet
1Mb / 44P
150 mA, 16V, High Performance LDO
2011-2013
MCP1754ST-1802E MICROCHIP-MCP1754ST-1802E Datasheet
1Mb / 42P
150 mA, 16V, High Performance LDO
08/02/11
MCP1754ST-3302E MICROCHIP-MCP1754ST-3302E Datasheet
1Mb / 42P
150 mA, 16V, High Performance LDO
08/02/11
logo
Vishay Siliconix
SI9183 VISHAY-SI9183_V01 Datasheet
164Kb / 11P
High-Performance, Size Saving 150-mA CMOS LDO Regulator
20-Jun-05
logo
Microchip Technology
MIC5321 MICROCHIP-MIC5321 Datasheet
2Mb / 26P
High-Performance, Dual 150 mA 關Cap Ultra-Low Dropout Regulator
Revision A (May 2022)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com