Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15053 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX15053
Description  High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15053 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX15053_V01 Datasheet HTML 3Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 4Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 5Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 6Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 7Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 9Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 10Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Typical Operating Characteristics (continued)
(VIN = 5V, VOUT = 1.8V, ILOAD = 2A, Circuit of Figure 5, TA = +25NC, unless otherwise noted.)
STARTING INTO A PREBIASED OUTPUT
(IOUT = 2A)
MAX15053 toc19
VENABLE
5V/div
VOUT
1V/div
VPGOOD
5V/div
ILX
1A/div
200
µs/div
PWM MODE
STARTING INTO A PREBIASED OUTPUT
HIGHER THAN SET OUTPUT
MAX15053 toc21
VOUT
500mV/div
VSS/REFIN
500mV/div
IL
1A/div
400
µs/div
1.8V
10I LOAD AT OUT
STARTING INTO A PREBIASED OUTPUT
MAX15053 toc20b
VENABLE
5V/div
VOUT
1V/div
VPGOOD
5V/div
ILX
1A/div
200
µs/div
STARTING INTO A PREBIASED OUTPUT
(NO LOAD)
MAX15053 toc20a
VENABLE
5V/div
VOUT
1V/div
VPGOOD
5V/div
ILX
1A/div
200
µs/div
PWM MODE
SOFT-START WAVEFORMS
(EXTERNAL REFIN) (SKIP MODE)
MAX15053 toc18b
VSS/REFIN
500mV/div
VOUT
1V/div
VPGOOD
5V/div
ILX
1A/div
200
µs/div
NO LOAD
SOFT-START WAVEFORMS
(EXTERNAL REFIN) (PWM MODE)
MAX15053 toc18a
VSS/REFIN
500mV/div
VOUT
1V/div
VPGOOD
5V/div
ILX
1A/div
200
µs/div
NO LOAD
MAX15053
High-Efficiency, 2A, Current-Mode Synchronous,
Step-Down Switching Regulator
Maxim Integrated │ 7
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com