Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15053 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX15053
Description  High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15053 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX15053_V01 Datasheet HTML 13Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 14Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 15Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 16Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 17Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 18Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 19Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 20Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 21Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Power Dissipation
The MAX15053 is available in a 9-bump WLP package
and can dissipate up to 1127mW at TA = +70NC. When
the die temperature exceeds +150NC, the thermal-shut-
down protection is activated (see the Thermal-Shutdown
Protection
section).
Layout Procedure
Careful PCB layout is critical to achieve clean and stable
operation. It is highly recommended to duplicate the
MAX15053 Evaluation Kit layout for optimum perfor-
mance. If deviation is necessary, follow these guidelines
for good PCB layout:
1) Connect the signal and ground planes at a single point
immediately adjacent to the GND bump of the IC.
2) Place capacitors on IN and SS/REFIN as close as
possible to the IC and the corresponding pad using
direct traces.
3) Keep the high-current paths as short and wide as
possible. Keep the path of switching current short
and minimize the loop area formed by LX, the output
capacitors, and the input capacitors.
4) Connect IN, LX, and GND separately to a large copper
area to help cool the IC to further improve efficiency.
5) Ensure all feedback connections are short and direct.
Place the feedback resistors and compensation com-
ponents as close as possible to the IC.
6) Route high-speed switching nodes (such as LX) away
from sensitive analog areas(suchasFBandCOMP).
Figure 5. Application Circuit for PWM Mode Operation
LX
GND
FB
COMP
COUT
22µF
OUTPUT
1.8V AT 2A
R2
4.02kI
R1
8.06kI
RC
2.32kI
CC
3.3nF
LOUT
1µH
CFF
100pF
1.2I
1nF
RPULL
20kI
CIN
22µF
IN
PGOOD
EN
ENABLE
SKIP
ON
OFF
CSS
22nF
SS/REFIN
MAX15053
INPUT
2.7V TO 5.5V
MAX15053
High-Efficiency, 2A, Current-Mode Synchronous,
Step-Down Switching Regulator
www.maximintegrated.com
Maxim Integrated │ 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com