Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15053 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX15053
Description  High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15053 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX15053_V01 Datasheet HTML 1Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 2Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 3Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 4Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 5Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 6Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 7Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Electrical Characteristics
(VIN = 5V, TA = -40NC to +85NC, unless otherwise noted, typical values are at TA = +25NC.) (Note 4)
Absolute Maximum Ratings
Note 1:
LX has internal clamp diodes to GND and IN. Applications that forward bias these diodes should not exceed the IC’s package
power dissipation limits.
Note 2:
Limit the junction temperature to +105NC for continuous operation at maximum output current.
WLP
Junction-to-Case Thermal Resistance (BJC)...................26NC/W
Junction-to-Ambient Thermal Resistance (BJA) ..............71NC/W
Note 3:
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board.Fordetailedinformationonpackagethermalconsiderations,referto
www.maximintegrated.com/thermal-tutorial
.
Package Thermal Characteristics (Note 3)
IN, PGOOD to GND ................................................-0.3V to +6V
LX to GND ..................................................-0.3V to (VIN + 0.3V)
LX to GND .......................................-1V to (VIN + 0.3V) for 50ns
EN, COMP, FB, SS/REFIN, SKIP to GND...-0.3V to (VIN + 0.3V)
LX Current (Note 1) ................................................... -5A to +5A
Output Short-Circuit Duration....................................Continuous
Continuous Power Dissipation (TA = +70NC)
9-Bump WLP Multilayer Board
(derate 14.1mW/NC above TA = +70NC)....................1127mW
Operating Temperature Range.......................... -40NC to +85NC
Operating Junction Temperature (Note 2)......................+105NC
Storage Temperature Range............................ -65NC to +150NC
Soldering Temperature (reflow) ......................................+260NC
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IN Voltage Range
VIN
2.7
5.5
V
IN Shutdown Supply Current
VEN = 0V
0.2
2
F
A
IN Supply Current
IIN
VEN = 5V, VFB = 0.65V, no switching
1.56
2.3
mA
VIN Undervoltage Lockout
Threshold
LX starts switching, VIN rising
2.6
2.7
V
VIN Undervoltage Lockout
Hysteresis
LX stops switching, VIN falling
200
mV
ERROR AMPLIFIER
Transconductance
gMV
1.5
mS
Voltage Gain
AVEA
90
dB
FBSet-PointAccuracy
VFB
Over line, load, and temperature
594
600
606
mV
FBInputBiasCurrent
IFB
VFB = 0.6V
-500
+500
nA
COMP to Current-Sense
Transconductance
gMC
18
A/V
COMP Clamp Low
VFB = 0.65V, VSS = 0.6V
0.94
V
POWER SWITCHES
LX On-Resistance, High-Side
pMOS
30
mI
LX On-Resistance, Low-Side
nMOS
18
mI
High-Side Switch Current-Limit
Threshold
IHSCL
4
A
Low-Side Switch Sink Current-
Limit Threshold
4
A
MAX15053
High-Efficiency, 2A, Current-Mode Synchronous,
Step-Down Switching Regulator
www.maximintegrated.com
Maxim Integrated │ 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com