Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15053 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX15053
Description  High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15053 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX15053_V01 Datasheet HTML 13Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 14Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 15Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 16Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 17Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 18Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 19Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 20Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 21Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
(
)
(
)
LOAD S
SW
C
CO OUT
MV
MC
LOAD
S
LOAD
SW
R
K
1 D
0.5
1
Lf
R1 R2
R
2f
C
R2
g
g
R
1
ESR
K
1 D
0.5
1
R
Lf
−−
+
×
+
=
×
×π
×
××
+

−−
+


×

and where the ESR is much smaller than the parallel
combination of the equivalent load resistance and the
current loop impedance, e.g.,:
(
)
S
LOAD
SW
1
ESR
K
1 D
0.5
1
R
Lf
<<

−−
+


×

RC becomes:
CO
OUT
C
MV
MC
2f
C
R1 R2
R
R2
g
g
π×
+
=
×
×
3) Determine CC by selecting the desired first sys-
tem zero, fZ1, based on the desired phase margin.
Typically, setting fZ1 below 1/5 of fCO provides suf-
ficient phase margin.
CO
Z1
CC
f
1
f
2
CR
5
=
≤
π×
therefore:
C
CO
C
5
C
2f
R
≥
π×
×
4) For low duty-cycle applications, the addition of a
phase-leading capacitor (CFF in Figure 1) helps
mitigate the phase lag of the damped half-frequency
double pole. Adding a second zero near to but below
the desired crossover frequency increases both the
closed-loop phase margin and the regulator’s unity-
gain bandwidth (crossover frequency). Select the
capacitor as follows:
(
)
FF
CO
1
C
2
f
R1|| R2
=
π×
×
This guarantees the additional phase-leading zero occurs
at a frequency lower than fCO from:
PHASE_LEAD
FF
1
f
2
C
R1
=
π×
×
Using CFF the zero-pole order is adjusted as follows:
P1
P2
Z1
FF
FF
CO
P3
Z2
11
ff
f
2 C R1 2 C (R1|| R2)
f
ff
<
≤
<
<
≈
π
π
≤<
Confirm the desired operation of CFF empirically. The
phase lead of CFF diminishes as the output voltage is
a smaller multiple of the reference voltage, e.g., below
about 1V. Do not use CFF when VOUT = VFB.
Setting the Soft-Start Time
The soft-start feature ramps up the output voltage slowly,
reducing input inrush current during startup. Size the CSS
capacitor to achieve the desired soft-start time, tSS, using:
SS
SS
SS
FB
It
C
V
×
=
ISS, the soft-start current, is 10FA (typ) and VFB, the out-
put feedback voltage threshold, is 0.6V (typ). When using
large COUT capacitance values, the high-side current
limit can trigger during the soft-start period. To ensure the
correct soft-start time, tSS, choose CSS large enough to
satisfy:
OUT
SS
SS
OUT
HSCL
OUT
FB
VI
CC
(I
I
) V
×
>>
×
−
×
IHSCL is the typicalhigh-sideMOSFETcurrent-limitvalue.
An external tracking reference with steady-state value
between 0V and VIN-1.8VcanbeappliedtoSS/REFIN.
In this case, connect an RC network from external track-
ing reference and SS/REFIN, as shown in Figure 4.
The recommended value for RSS is approximately 1kI.
RSS is needed to ensure that, during hiccup period,
SS/REFINcanbeinternallypulleddown.
WhenanexternalreferenceisconnectedtoSS/REFIN,
the soft-start must be provided externally.
Figure 4. RC Network for External Reference at SS/REFIN
CSS
RSS
VREF_EXT
SS/REFIN
MAX15053
MAX15053
High-Efficiency, 2A, Current-Mode Synchronous,
Step-Down Switching Regulator
www.maximintegrated.com
Maxim Integrated │ 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com