Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15053 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX15053
Description  High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15053 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX15053_V01 Datasheet HTML 1Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 2Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 3Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 4Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 5Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 6Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 7Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
OUTPUT VOLTAGE
vs. OUTPUT CURRENT
1.89
1.87
1.85
1.83
1.81
1.79
1.77
1.75
OUTPUT CURRENT (A)
0
0.5
1.0
2.0
1.5
2.5
3.0
VOUT = 5V
VOUT = 3.3V
OUTPUT VOLTAGE
vs. SUPPLY VOLTAGE
1.89
1.87
1.85
1.83
1.81
1.79
1.77
1.75
SUPPLY VOLTAGE (V)
2.7
3.2
3.7
4.7
4.2
5.2
IOUT = 0.5A
SWITCHING FREQUENCY
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
920
940
960
980
1000
1020
1040
1060
1080
1100
900
2.7
3.2
3.7
4.7
4.2
5.2
EFFICIENCY vs. OUTPUT CURRENT
(SKIP MODE)
OUTPUT CURRENT (mA)
55
60
65
70
75
80
85
90
95
100
50
VIN = 3.3V
VOUT = 2.5V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 1.2V
EFFICIENCY vs. OUTPUT CURRENT
(SKIP MODE)
OUTPUT CURRENT (mA)
55
60
65
70
75
80
85
90
95
100
50
VIN = 5V
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 1.2V
EFFICIENCY vs. OUTPUT CURRENT
(PWM MODE)
OUTPUT CURRENT (mA)
2000
1600
1200
800
400
55
60
65
70
75
80
85
90
95
100
50
0
2400
VOUT = 2.5V VOUT = 1.8V VOUT = 1.2V
VIN = 3.3V
VOUT = 1.5V
EFFICIENCY vs. OUTPUT CURRENT
(PWM MODE)
OUTPUT CURRENT (mA)
2000
1600
1200
800
400
55
60
65
70
75
80
85
90
95
100
50
0
2400
VOUT = 3.3V VOUT = 1.8V VOUT = 1.2V
VIN = 5V
VOUT = 2.5V VOUT = 1.5V
MAX15053
High-Efficiency, 2A, Current-Mode Synchronous,
Step-Down Switching Regulator
Maxim Integrated │ 4
www.maximintegrated.com
Typical Operating Characteristics
(VIN = 5V, VOUT = 1.8V, ILOAD = 2A, Circuit of Figure 5, TA = +25NC, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com