Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15053 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX15053
Description  High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15053 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX15053_V01 Datasheet HTML 7Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 9Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 10Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 11Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 12Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 13Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 14Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Detailed Description
The MAX15053 high-efficiency, current-mode switch-
ing regulator can deliver up to 2A of output current. The
MAX15053 provides output voltages from 0.6V to 0.94 x
VIN from 2.7V to 5.5V input supplies, making the device
ideal for on-board point-of-load applications.
The MAX15053 delivers current-mode control architec-
ture using a high gain transconductance error amplifier.
The current-mode control architecture facilitates easy
compensation design and ensures cycle-by-cycle current
limit with fast response to line and load transients.
The MAX15053 features a 1MHz fixed switching frequen-
cy, allowing for all-ceramic capacitor designs and fast
transient responses. The high operating frequency mini-
mizes the size of external components. The MAX15053 is
available in a 1.5mm x 1.5mm (3 x 3 array) x 0.5mm pitch
WLP package.
The MAX15053 offers a selectable skip-mode functional-
ity to reduce current consumption and achieve a higher
efficiency at light output loads. The low RDS(ON) inte-
grated switches (30mI high-side and 18mI low-side,
typ) ensure high efficiency at heavy loads while minimiz-
ing critical inductances, making the layout design a much
simpler task with respect to discrete solutions. Utilizing a
simple layout and footprint assures first-pass success in
new designs.
The MAX15053 features 1MHz Q15%, factory-trimmed,
fixed-frequency PWM mode operation. The MAX15053 also
offers capacitor-programmable, soft-start reducing inrush
current, startup into PREBIAS operation, and a PGOOD
open-drain output for sequencing with other devices.
Controller Function–PWM Logic
The controller logic block is the central processor that
determines the duty cycle of the high-side MOSFET
under different line, load, and temperature conditions.
Under normal operation, where the current-limit and
temperature protection are not triggered, the controller
logic block takes the output from the PWM comparator
and generates the driver signals for both high-side and
low-side MOSFETs.The control logic block controls the
break-before-make logic and all the necessary timing.
Thehigh-sideMOSFETturnsonatthebeginningofthe
oscillator cycle and turns off when the COMP voltage
crosses the internal current-mode ramp waveform, which
is the sum of the slope compensation ramp and the
current-mode ramp derived from inductor current (current-
senseblock).Thehigh-sideMOSFETalsoturnsoffifthe
maximum duty cycle is 94%, or when the current limit is
reached.Thelow-sideMOSFETturnsonfortheremain-
der of the oscillation cycle.
Starting into a Prebiased Output
The MAX15053 can soft-start into a prebiased output
without discharging the output capacitor. In safe pre-
biased startup, both low-side and high-side MOSFETs
remain off to avoid discharging the prebiased output.
PWM operation starts when the voltage on SS/REFIN
crossesthevoltageonFB.
The MAX15053 can start into a prebiased voltage higher
than the nominal set point without abruptly discharg-
ing the output. Forced PWM operation starts when the
SS/REFINvoltagereaches0.58V(typ),forcingthecon-
verter to start. In case of prebiased output, below or above
the output nominal set point, if low-side sink current-limit
threshold (set to the reduced value of -0.4A (typ) for the
first 32 clock cycles and then set to -4A typ) is reached,
the low-side switch turns off before the end of the clock
period, and the high-side switch turns on until one of the
following conditions is satisfied:
•
High-side source current hits the reduced high-side
current limit (0.4A, typ); in this case, the high-side
switch is turned off for the remaining time of the clock
period.
•
The clock period ends. Reduced high-side current
limit is activated to recirculate the current into the
high-side power switch rather than into the internal
high-side body diode, which could be damaged.
Low-side sink current limit is provided to protect the
low-side switch from excessive reverse current during
prebiased operation.
In skip mode operation, the prebias output needs to be
lower than the set point.
Enable Input
The MAX15053 features independent device enable con-
trol and power-good signal that allow for flexible power
sequencing. Drive the enable input (EN) high to enable
the regulator, or connect EN to IN for always-on opera-
tion. Power-good (PGOOD) is an open-drain output that
asserts when VFB is above 555mV (typ), and deasserts
low if VFB is below 527mV (typ).
Programmable Soft-Start (SS/REFIN)
The MAX15053 utilizes a soft-start feature to slowly
ramp up the regulated output voltage to reduce input
inrush current during startup. Connect a capacitor from
SS/REFINtoGNDtosetthestartuptime(seetheSetting
the Soft-Start Time
section for capacitor selection details).
MAX15053
High-Efficiency, 2A, Current-Mode Synchronous,
Step-Down Switching Regulator
www.maximintegrated.com
Maxim Integrated │ 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com