Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15053 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX15053
Description  High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15053 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX15053_V01 Datasheet HTML 1Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 2Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 3Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 4Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 5Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 6Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 7Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
General Description
The MAX15053 high-efficiency, current-mode, synchro-
nous step-down switching regulator with integrated power
switches delivers up to 2A of output current. The device
operates from 2.7V to 5.5V and provides an output volt-
age from 0.6V up to 94% of the input voltage, making
the device ideal for distributed power systems, portable
devices, and preregulation applications.
The MAX15053 utilizes a current-mode control archi-
tecture with a high gain transconductance error ampli-
fier. The current-mode control architecture facilitates
easy compensation design and ensures cycle-by-cycle
current limit with fast response to line and load transients.
The MAX15053 offers selectable skip-mode functional-
ity to reduce current consumption and achieve a higher
efficiency at light output load. The low RDS(ON) integrated
switches ensure high efficiency at heavy loads while
minimizing critical inductances, making the layout design
a much simpler task with respect to discrete solutions.
Utilizing a simple layout and footprint assures first-pass
success in new designs.
The MAX15053 features a 1MHz, factory-trimmed, fixed-
frequency PWM mode operation. The high switching fre-
quency, along with the PWM current-mode architecture,
allows for a compact, all-ceramic capacitor design.
The MAX15053 offers a capacitor-programmable soft-
start reducing inrush current, startup into PREBIAS
operations, and a PGOOD open-drain output that can be
used as an interrupt and for power sequencing.
The MAX15053 is available in a 9-bump (3 x 3 array),
1.5mm x 1.5mm WLP package and is specified over the
-40NC to +85NC temperature range.
Applications
● Distributed Power Systems
● Preregulators for Linear Regulators
● Portable Devices
● Notebook Power
● Server Power
● IP Phones
Benefits and Features
● Simpler, Smaller Design than Discrete Solutions
• Integrated30mΩ(typ)RDS(ON) High-Side
and18mΩ(typ)Low-SideMOSFETsat5V
• Factory-Trimmed,1MHzSwitchingFrequency
• Stable with Low-ESR Ceramic Output Capacitors
• SupportedbyFreeEE-Sim® Design and
Simulation Tool
● High Performance Suits Wide Range of Point-of-
Load Applications
• ±1% Output-Voltage Accuracy Over Load, Line,
and Temperature
• Continuous 2A Output Current Over Temperature
• Operates from 2.7V to 5.5V Supply
• Adjustable Output from 0.6V to Up to 0.94 x VIN
● High Efficiency Across Light and Heavy Loads
Reduces Power Consumption and Heat
• 96% Efficiency with 3.3V Output at 2A
• Internal30mΩ(typ)RDS(ON) High-Side and 18mI
(typ)Low-SideMOSFETsat5V
• Skip-ModeFunctionalityforLightLoads
● Control Power Startup and Sequencing for Glitch-
FreeProcessorOperation
• Enable Input/Power-Good Output Enables
Sequencing
• Safe-Startup Into Prebiased Output
• Programmable Soft-Start
• External Reference Input Can be Used to Drive
Soft-Start Directly
● IntegratedProtectionFeaturesforImprovedPower-
Supply Reliability
• FullyProtectedAgainstOvercurrentand
Overtemperature
• Input Undervoltage Lockout
• Cycle-by-Cycle Overcurrent Protection
+Denotes a lead(Pb)-free/RoHS-compliant package.
Typical Operating Circuit appears at end of data sheet.
Ordering Information
19-5240; Rev 3; 4/15
EVALUATION KIT AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX15053EWL+
-40°C to +85°C
9 WLP
EE-Sim is a registered trademark of Maxim Integrated
Products, Inc.
MAX15053
High-Efficiency, 2A, Current-Mode Synchronous,
Step-Down Switching Regulator


Similar Part No. - MAX15053_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15053EVKIT MAXIM-MAX15053EVKIT Datasheet
1,007Kb / 7P
Enable Input/Power-Good Output
Rev 0; 5/10
MAX15053EVKIT+ MAXIM-MAX15053EVKIT+ Datasheet
1,007Kb / 7P
Enable Input/Power-Good Output
Rev 0; 5/10
More results

Similar Description - MAX15053_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15053 MAXIM-MAX15053 Datasheet
2Mb / 21P
High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 0; 5/10
MAX15058 MAXIM-MAX15058 Datasheet
2Mb / 21P
High-Efficiency, 3A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 0; 12/10
MAX15053 MAXIM-MAX15053_11 Datasheet
2Mb / 21P
High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 1; 3/11
MAX15109 MAXIM-MAX15109 Datasheet
2Mb / 19P
High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 0; 6/11
MAX15108 MAXIM-MAX15108 Datasheet
2Mb / 19P
High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 0; 6/11
MAX15058 MAXIM-MAX15058_11 Datasheet
2Mb / 21P
High-Efficiency, 3A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
MAX15053_1107 MAXIM-MAX15053_1107 Datasheet
2Mb / 21P
High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
MAX15108A MAXIM-MAX15108A Datasheet
1Mb / 16P
High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 1; 5/16
MAX15108 MAXIM-MAX15108_V01 Datasheet
1Mb / 19P
High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
2020
logo
Analog Devices
MAX15106A AD-MAX15106A Datasheet
861Kb / 16P
High-Efficiency, 6A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 3 6/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com