Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15053 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX15053
Description  High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15053 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX15053_V01 Datasheet HTML 12Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 13Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 14Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 15Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 16Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 17Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 18Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 19Page - Maxim Integrated Products MAX15053_V01 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
As previously mentioned, the power modulator’s domi-
nant pole is a function of the parallel effects of the load
resistance and the current-loop gain’s equivalent imped-
ance:
(
)
PMOD
1
S
OUT
LOAD
SW
1
f
K
1 D
0.5
1
2
C
ESR
R
fL
−
=

×−
−
π×
×
+
+


×

And knowing that the ESR is typically much smaller than
the parallel combination of the load and the current loop:
(
)
LOAD
SW
K
1 D
0.5
ESR
R
fL

×−
−

<<
+

×

(
)
PMOD
1
S
OUT
LOAD
SW
1
f
K
1 D
0.5
1
2C
R
fL
−
≈

×−
−
π×
×
+


×

which can be expressed as:
(
)
S
PMOD
OUT
LOAD
SW
OUT
K
1 D
0.5
1
f
2
C
R
2
f
LC
×−
−
≈+
π×
×
π×
× ×
Note:
Depending on the application’s specifics, the
amplitude of the slope compensation ramp could have a
significantimpactonthemodulator’sdominatepole.For
low duty-cycle applications, it provides additional damp-
ing (phase lag) at/near the crossover frequency (see the
Closing the Loop: Designing the Compensation Circuitry
section). There is no equivalent effect on the power modu-
lator zero, fZMOD.
ZMOD
ZESR
OUT
1
ff
2
C
ESR
=
=
π×
×
GAIN
1ST ASYMPTOTE
R2 × (R1 + R2)-1 × 10AVEA(dB)/20 × gMC × RLOAD × {1 + RLOAD × [KS × (1 - D) - 0.5] × (L × fSW)-1}-1
2ND ASYMPTOTE
R2 × (R1 + R2)-1 × gMV × (2GCC)-1 × gMC × RLOAD × {1 + RLOAD × [KS × (1 - D) - 0.5] × (L × fSW)-1}-1
3RD ASYMPTOTE
R2 × (R1 + R2)-1 × gMV × (2GCC)-1 × gMC × RLOAD × {1 + RLOAD × [KS × (1 - D) - 0.5] × (L × fSW)-1}-1 ×
(2GCOUT × {RLOAD-1 + [KS × (1 - D) - 0.5] × (L × fSW)-1}-1)-1
4TH ASYMPTOTE
R2 × (R1 + R2)-1 × gMV × RC × gMC × RLOAD × {1 + RLOAD × [KS × (1 - D) - 0.5] × (L × fSW)-1}-1 ×
(2πCOUT × {RLOAD-1 + [KS × (1 - D) - 0.5] × (L × fSW)-1}-1)-1
5TH ASYMPTOTE
R2 × (R1 + R2)-1 × gMV × RC × gMC × RLOAD × {1 + RLOAD × [KS × (1 - D) - 0.5] × (L × fSW)-1}-1 ×
(2GCOUT × {RLOAD-1 + [KS × (1 - D) - 0.5] × (L × fSW)-1}-1)-1 × (0.5 × fSW)2 × (2Gf)-2
6TH ASYMPTOTE
R2 × (R1 + R2)-1 × gMV × RC × gMC × RLOAD × {1 + RLOAD × [KS × (1 - D) - 0.5] × (L × fSW)-1}-1 ×
ESR × {RLOAD-1 + [KS × (1 - D) - 0.5] × (L × fSW)-1}-1 × (0.5 × fSW)2 × (2Gf)-2
UNITY
1ST POLE
[2GCC × (10AVEA(dB)/20 - gMV-1)]-1
2ND POLE
fPMOD*
3RD POLE (DBL)
0.5 × fSW
2ND ZERO
(2GCOUTESR)-1
FREQUENCY
fCO
1ST ZERO
(2GCCRC)-1
NOTE:
ROUT = 10AVEA(dB)/20 × gMV-1
fPMOD = [2GCOUT × (ESR + {RLOAD-1 + [KS × (1 - D) - 0.5] × (L × fSW)-1}-1)]-1
WHICH FOR
ESR << {RLOAD-1 + [KS × (1 - D) - 0.5] × (L × fSW)-1}-1
BECOMES
fPMOD = [2GCOUT × {RLOAD-1 + [KS × (1 - D) - 0.5] × (L × fSW)-1}-1]-1
fPMOD = (2GCOUT × RLOAD)-1 + [KS × (1 - D) - 0.5] × (2GCOUT × L × fSW)-1
Figure 3. Asymptotic Loop Response of Current-Mode Regulator
MAX15053
High-Efficiency, 2A, Current-Mode Synchronous,
Step-Down Switching Regulator
www.maximintegrated.com
Maxim Integrated │ 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com