Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4254ARUZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADA4254ARUZ-R7
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4254ARUZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADA4254ARUZ-R7 Datasheet HTML 21Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 22Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 23Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 24Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 25Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 26Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 27Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 28Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 59 page
background image
Data Sheet
ADA4254
Rev. B | Page 25 of 59
ensure that CC is at least one magnitude smaller than CD. The
effect of mismatched CC values is reduced with a larger CD:CC
ratio.
CC
R
R
+IN
–IN
CC
CD
–OUT
+OUT
ADA4254
Figure 81. External EMI Filter Improves Noise Rejection
INPUT AMPLIFIER
The ADA4254 input amplifier operates on high voltage power
supplies, VDDH and VSSH. The input amplifiers are
monitored for clipping due to excessive signal swing. If excessive
output swing is detected by an input amplifier (A3 and A7 in
Figure 79), the INPUT_ERR flag trips. If INPUT_ERR is
tripped for more than 200 μs, the gain settings in the
GAIN_MUX register are reset to their default values and the
G_RST flag trips. This setup protects the input amplifiers and the
input resistor network. The gain reset function can be disabled via
the G_RST_DIS bit.
OUTPUT AMPLIFIER
The ADA4254 features a fully differential output amplifier
running from dedicated low voltage supplies, AVDD and
AVSS. Use AVDD and AVSS in a single-supply configuration.
By running the output amplifier on low voltage supplies,
circuitry connected to the output of the ADA4254 is inherently
protected. The common-mode output voltage is set by the
VOCM input voltage. VOCM has a high input impedance and
is not biased internally. VOCM also features a 29 MHz EMI
filter to minimize EMI interference. Typically, VOCM is biased
to midsupply through a voltage divider between AVDD and
AVSS to allow the widest swing on the output. The output
amplifier can be set to three different scaling gains via G4 or
G5: 1 V/V, 1.25 V/V, or 1.375 V/V. On power-up or soft reset,
the output amplifier scaling gain defaults to 1 V/V. The output
amplifier is monitored for clipping due to excessive signal
swing. When the output saturates to either supply, the
OUTPUT_ERR error flag trips.
The differential output stage of the ADA4254 allows the device
to be directly connected to high precision ADCs, such as the
AD7768 and the AD4007. When making such a connection, it is
recommended to use a low-pass filter to minimize noise and
aliasing, as shown in Figure 82. The LTC6363 is configured as a
three-pole, low-pass filter with a cutoff frequency of 40 kHz.
R1
1kΩ
R2
1kΩ
C1
10nF
–OUT
+OUT
ADC_IN1
ADC_IN2
Figure 82. Simple Output Filter Preventing Aliasing and Filters Switching Noise
AD4007
OUT–
OUT+
AVSS
GPIO4/CLKIN
10kΩ
CNV
30.1Ω
3.3nF
3.3nF
+
–
+IN1
VDD
VOCM
GND
IN+
IN–
AVDD
VSSH
VDDH
ADP7112-1.8V
VIN
VOUT
+
–
+
–
3.3nF
3.3nF
3.3nF
ADA4254
LTC6363
49.9Ω
1.4kΩ
3.3nF
3.3nF
3.3nF
536Ω
324Ω
536Ω
536Ω
324Ω
536Ω
3.3nF
1.4kΩ
49.9Ω
5V
5V
5V
2.5V
2.5V
28V
–28V
30.1Ω
3.3nF
–IN1
–IN2
+IN2
Figure 83. LTC6363 Used as a Low-Pass Filter/Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com