Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4254ARUZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4254ARUZ-R7
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4254ARUZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4254ARUZ-R7 Datasheet HTML 6Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 7Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 8Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 9Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 10Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 11Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 12Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 13Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
ADA4254
Data Sheet
Rev. B | Page 10 of 59
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
+IN1
2
–IN1
3
+IN2
4
–IN2
5
DNC
6
DVSS
7
DVDD
17 GPIO1
18 GPIO0
19 +OUT
20 –OUT
21 VOCM
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT
TO THIS PIN.
2. CONNECT THE EXPOSED PAD (EPAD)
TO VSSH.
16 GPIO2
15 GPIO3
ADA4254
TOP VIEW
EPAD
Figure 5. 28-Lead LFCSP Pin Configuration
1
2
3
4
5
6
7
8
9
10
20
21
22
23
24
19
18
17
16
15
14
13
12
11
VOCM
AVSS
AVDD
VDDH
IOUT_HV
IOUT_LV
–OUT
GPIO0
GPIO1
GPIO2
CS
GPIO4
GPIO3
VSSH
+IN1
–IN2
+IN2
–IN1
SCLK
SDI
DVSS
DVDD
SDO
+OUT
ADA4254
TOP VIEW
Figure 6. 24-Lead TSSOP Pin Configuration
Table 5. Pin Function Descriptions
Mnemonic
LFCSP Pin No.
TSSOP Pin No.
Description
+IN1
1
9
Channel 1 Positive Input.
−IN1
2
10
Channel 1 Negative Input.
+IN2
3
11
Channel 2 Positive Input.
−IN2
4
12
Channel 2 Negative Input.
DNC
5, 28
Not applicable
Do Not Connect. Do not connect to this pin.
DVSS
6
13
Negative Digital Supply Voltage.
DVDD
7
14
Positive Digital Supply Voltage.
SDO
8
15
SPI Serial Data Output.
SDI
9
16
SPI Serial Data Input.
SCLK
10
17
SPI Serial Clock Input.
CS
11
18
SPI Chip Select Input.
GPIO6
12
Not applicable
GPIO6/SCS6.
GPIO5
13
Not applicable
GPIO5/SCS5.
GPIO4
14
19
GPIO4/SCS4/Clock Input or Output.
GPIO3
15
20
GPIO3/SCS3/Fault Interrupt Output.
GPIO2
16
21
GPIO2/SCS2/Calibration Busy Out.
GPIO1
17
22
GPIO1/SCS1/External Multiplexer Control 1.
GPIO0
18
23
GPIO0/SCS0/External Multiplexer Control 0.
+OUT
19
24
Positive Output.
−OUT
20
1
Negative Output.
VOCM
21
2
Output Amplifier Common-Mode Voltage Input. This pin is high impedance
and is not internally biased.
AVSS
22
3
Output Amplifier Negative Supply Voltage.
AVDD
23
4
Output Amplifier Positive Supply Voltage.
IOUT_LV
24
5
Low Voltage Excitation Current Source Output.
IOUT_HV
25
6
High Voltage Excitation Current Source Output.
VDDH
26
7
Positive High Voltage Supply.
VSSH
27
8
Negative High Voltage Supply.
EPAD
Not applicable
Exposed Pad. Connect the exposed pad (EPAD) to VSSH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com