Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4254ARUZ-R7 Datasheet(PDF) 56 Page - Analog Devices

Part # ADA4254ARUZ-R7
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4254ARUZ-R7 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADA4254ARUZ-R7 Datasheet HTML 51Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 52Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 53Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 54Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 55Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 56Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 57Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 58Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 59Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 56 / 59 page
background image
ADA4254
Data Sheet
Rev. B | Page 56 of 59
EXCITATION CURRENT CONFIGURATION REGISTER (EX_CURRENT_CFG) DETAILS
Table 33. EX_CURRENT_CFG Register Details (Register 0x0F)
Bit Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EX_CURRENT_SEL[1:0]
Reserved
EX_CURRENT[3:0]
Access
RW
Reserved
RW
Reset
0
0
Reserved
0
0
0
0
VDDH
AVDD
IOUT_HV
EX_CURRENT_SEL[1:0]
EX_CURRENT[3:0]
IOUT_LV
Figure 110. Excitation Current Connectivity
Bits[7:6], EX_CURRENT_SEL[1:0]—Excitation Current
Connection Configuration
EX_CURRENT_SEL[1:0] configures an internal current source
to either IOUT_LV or IOUT_HV. Table 34 shows all available
configurations. When IOUT_LV is used, the source of this
current is AVDD. When IOUT_HV is used, the source of this
current is VDDH.
Table 34. Excitation Current Source Connections
EX_CURRENT_SEL[1:0]
Current Source
0b00
None
0b01
IOUT_LV
0b10
IOUT_HV
0b11
IOUT_LV
Bits[3:0], EX_CURRENT[3:0]—Excitation Current Value
The EX_CURRENT[3:0] bits configure the current source
value connected via EX_CURRENT_SEL. Table 35 shows all
the possible current values.
Table 35. Excitation Current Values
EX_CURRENT[3:0]
Excitation Current Value
0x0
0 μA
0x1
100 μA
0x2
200 μA
0x3
300 μA
0x4
400 μA
0x5
500 μA
0x6
600 μA
0x7
700 μA
0x8
800 μA
0x9
900 μA
0xA
1 mA
0xB
1.1 mA
0xC
1.2 mA
0xD
1.3 mA
0xE
1.4 mA
0xF
1.5 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com