Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4254ARUZ-R7 Datasheet(PDF) 50 Page - Analog Devices

Part # ADA4254ARUZ-R7
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4254ARUZ-R7 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADA4254ARUZ-R7 Datasheet HTML 46Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 47Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 48Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 49Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 50Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 51Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 52Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 53Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 59 page
background image
ADA4254
Data Sheet
Rev. B | Page 50 of 59
GPIO DIRECTION REGISTER (GPIO_DIR) DETAILS
Table 22. GPIO_DIR Register Details (Register 0x08)
Bit
Name
Bit 7
Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Reserved
GPIO_DIR[6:0]
Access
Reserved
RW
Reset
Reserved
0
0
0
0
0
0
0
Bits[6:0], GPIO_DIR—GPIO Direction Configuration
The GPIO_DIR bit field is used to configure each GPIO as either
an input or an output. Setting a bit in this bit field to 1 configures
the corresponding GPIO as an output. Clearing a bit in this bit
field to 0 configures the corresponding GPIO as an input.
SEQUENTIAL CHIP SELECT REGISTER (SCS)
DETAILS
Table 23. SCS Register Details (Register 0x09)
Bit
Name
Bit 7
Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Reserved
SCS[6:0]
Access
Reserved
RW
Reset
Reserved
0
0
0
0
0
0
0
Bits[6:0], SCS—Sequential Chip Select Configuration
Bits[6:0] configure the GPIO pins as sequential chip select
(SCS) pins. Setting any bit in SCS[6:0] to 1 and configuring the
respective GPIO as an output via the GPIO_DIR register makes
that GPIO function as a chip select pin for a slave device. When
SCS is used, the first CS pulse addresses the first GPIO
configured for SCS. Subsequent CS pulses address the
remainder of the GPIOs configured for SCS, and the last CS
pulse addresses the ADA4254. This sequence repeats in a round
robin format until the ADA4254 is configured otherwise. This
process is shown in Figure 108.
Slave SCS lines may require pull-up resistors to avoid
inadvertently communicating with slave devices during SCS
configuration.
LEAVE
SCS ON
TURN
SCS OFF
ALL
COMMANDS
GO TO
ADA4254
IF SCS0 IS
SET PROGRAM
SLAVE WITH
GPIO0 ELSE
PASS
IF SCS3 IS
SET PROGRAM
SLAVE WITH
GPIO3 ELSE
PASS
IF SCS4 IS
SET PROGRAM
SLAVE WITH
GPIO4 ELSE
PASS
IF SCS1 IS
SET PROGRAM
SLAVE WITH
GPIO1 ELSE
PASS
IF SCS2 IS
SET PROGRAM
SLAVE WITH
GPIO2 ELSE
PASS
IF SCS6 IS
SET PROGRAM
SLAVE WITH
GPIO6 ELSE
PASS
IF SCS5 IS
SET PROGRAM
SLAVE WITH
GPIO5 ELSE
PASS
CONFIGURE
SCS
PROGRAM
ADA4254
Figure 108. Sequential Chip Select Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com