Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4254ARUZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADA4254ARUZ-R7
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4254ARUZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADA4254ARUZ-R7 Datasheet HTML 27Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 28Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 29Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 30Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 31Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 32Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 33Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 34Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 59 page
background image
Data Sheet
ADA4254
Rev. B | Page 31 of 59
For all gains using 1 V/V scalar, calculate the gain error using
the following equation:
Gain Error = ((−1) × GAIN_CALx, Bit 4 + (100) ×
GAIN_CALx, Bits[3:0]) (ppm)
For all gain values using 1.375 V/V or 1.25 V/V scalars, an
additional gain error (GE’) must be added, using this equation:
GE’ = Gain Error + ((−1) × GAIN_CALx, Bit 4 + (50) ×
GAIN_CALx, Bits[3:0]) (ppm)
For example, assume that the ADA4254 is set to a gain of 32 V/V
and a scaling gain of 1.375 V/V. To calculate the stored gain
error, read the gain error stored in the GAIN_CAL10 register
and calculate the error in ppm. In this example, assume this
readback is 10101, corresponding to a gain error of −500 ppm.
Then, read the additional gain error stored in GAIN_CAL17
and calculate the error in ppm. In this example, assume this
readback is 00010, corresponding to an additional gain error of
100 ppm. The two errors are added to give a total gain error of
−400 ppm.
WIRE BREAK DETECTION
The ADA4254 contains two programmable current sources
that can be configured to 0.25 μA, 2 μA, 4 μA, or 16 μA via
WB_CURRENT. Both currents are conducted from VDDH.
These currents, in conjunction with the on-chip comparators,
enable continuity testing on the ADA4254 inputs.
The currents are switched to the amplifier inputs using F1 and
F2, as shown in Figure 90. The voltage to which these currents
bias the amplifier inputs is monitored internally by the
ADA4254. When this voltage is within 4 V of VDDH, the
WB_ERR flag trips.
When F1 or F2 are closed, the amplifier gain settings in the
GAIN_MUX register are temporarily overridden to the default
values to avoid saturating the amplifier output in the event of an
open circuit input. Reads of the GAIN_MUX register during
this time do not reflect this. When F1 and F2 are open, the
GAIN_MUX values automatically return to the previous values.
This override can be disabled via WB_G_RST_DIS.
VDDH
F1
A1
A2
B1
B2
+IN1
–IN1
+IN2
–IN2
F2
D12
–OUT
PGIA
+OUT
WB_CURRENT[1:0]
Figure 90. Wire Break Current Connectivity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com