Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4254ARUZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4254ARUZ-R7
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4254ARUZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADA4254ARUZ-R7 Datasheet HTML 1Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 2Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 3Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 4Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 5Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 6Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 7Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 8Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
ADA4254
Data Sheet
Rev. B | Page 4 of 59
SPECIFICATIONS
TA = 25°C, VDDH = 28 V, VSSH = −28 V, AVDD = 5 V, AVSS = 0 V, DVDD = 3.3 V, DVSS = 0 V, VOCM = AVDD/2, and no load,
unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OFFSET VOLTAGE
Total offset, referred to input (RTI) =
VOSI +
OSO
V
Gain
Differential Offset Voltage
Input Offset Voltage (VOSI)
±3
±14
μV
Output Offset Voltage (VOSO)
±40
±125
μV
Differential Offset Voltage
Drift
TA = −40°C to +105°C1, total offset drift,
RTI = VOSI/T +
/
OSO
VT
Gain
VOSI/T
±0.03
±0.08
μV/°C
VOSO/T
±0.98
±2.5
μV/°C
Differential Offset Voltage vs.
VDDH and VSSH (Power
Supply Rejection Ratio
(PSRR)), RTI
VDDH − VSSH = 10 V to 56 V
Gain (G) = 1/16 V/V
80
90
dB
G = 1 V/V
110
120
dB
G = 128 V/V
140
154
dB
Differential Offset Voltage vs.
AVDD (PSRR), RTI
AVDD − AVSS = 2.7 V to 5.5 V
G = 1/16 V/V
66
76
dB
G = 1 V/V
90
100
dB
G = 128 V/V
118
136
dB
Differential Offset vs. External
Clock Frequency, RTI
Clock frequency = 0.8 MHz to 1.2 MHz
G = 1/16 V/V
±0.2
μV/kHz
G = 1 V/V
±0.1
μV/kHz
G = 128 V/V
±0.002
μV/kHz
COMMON–MODE REJECTION
RATIO (CMRR), RTI
+IN = −IN = −25 V to +25 V, scaling gain = 1 V/V
CMRR to 60 Hz
G = 1/16 V/V
92
102
dB
G = 1 V/V
116
126
dB
G = 128 V/V
140
150
dB
G = 1/16
TA = −40°C to +105°C1
88
dB
G = 1
TA = −40°C to +105°C1
112
dB
G = 128
TA = −40°C to +105°C1
136
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com