Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4254ARUZ-R7 Datasheet(PDF) 47 Page - Analog Devices

Part # ADA4254ARUZ-R7
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4254ARUZ-R7 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADA4254ARUZ-R7 Datasheet HTML 43Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 44Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 45Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 46Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 47Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 48Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 49Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 50Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 59 page
background image
Data Sheet
ADA4254
Rev. B | Page 47 of 59
GPIO DATA REGISTER (GPIO_DATA) DETAILS
Table 18. GPIO_DATA Register Details (Register 0x05)
Bit Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
GPIO_DATA[6:0]
Access
Reserved
RW
Reset
Reserved
0
0
0
0
0
0
0
Bits[6:0], GPIO_DATA[6:0]—GPIO Data Values
When a GPIO pin is configured as an output, writing a 1 to the
corresponding GPIO_DATA bit causes that GPIO pin to
output a logic high. Conversely, writing a 0 to the corresponding
GPIO_DATA bit causes that GPIO pin to output a logic low.
When a GPIO pin is configured as an input, each GPIO_DATA
bit indicates whether the voltage on the corresponding GPIO pin is
a logic high or logic low. Reading a 1 indicates a logic high.
Reading a 0 indicates a logic low. Writing to the GPIO_DATA
bits that are configured as inputs has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com