Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4254ARUZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADA4254ARUZ-R7
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4254ARUZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADA4254ARUZ-R7 Datasheet HTML 33Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 34Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 35Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 36Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 37Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 38Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 39Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 40Page - Analog Devices ADA4254ARUZ-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
Data Sheet
ADA4254
Rev. B | Page 37 of 59
AD4007
AVDD/2
OUT–
ADA4254
OUT+
AVSS
GPIO4/CLKIN
10kΩ
CNV
200Ω
200Ω
500pF
500pF
+
–
+IN1
–IN1
+IN2
–IN2
VDD
VOCM
GND
IN+
IN–
AVDD
VSSH
VDDH
ADP7112-1.8V
IN
OUT
Figure 101. Clock Synchronization with the AD4007
AVDD/2
OUT–
ADA4254
OUT+
AVSS
GPIO4/CLKIN
10kΩ
200Ω
200Ω
270pF
270pF
680pF
+
–
+IN1
–IN1
+IN2
–IN2
VOCM
AVDD
VSSH
VDDH
AD7768
MCLK
AVDD1
AVSS
AIN0+
AIN0–
Figure 102. Clock Synchronization with the AD7768
PROGRAMMABLE LOGIC CONTROLLER (PLC)
VOLTAGE/CURRENT INPUT
The circuit in Figure 103 shows the ADA4254 used to convert
typical PLC input signal ranges (±10 V, ±5 V, or 20 mA) to an
output voltage from 0 V to 5 V, compatible with high precision
ADCs, such as the AD7768. To perform a voltage measurement,
the ADA4254 input multiplexer is configured to Channel 1,
+IN1 and –IN1, by writing 0x60 to the INPUT_MUX register.
The MOSFET switch must be turned off by setting GPIO0 to
logic level low. GPIO0 must be configured as an output by
setting the corresponding bit field to 1 in the GPIO_DIR register.
The state of GPIO0 is controlled by the corresponding bit field
in the GPIO_DATA register. The ADA4254 gain can be
configured through the GAIN_MUX register, depending on the
input voltage level.
To perform a current measurement, the circuit shown in
Figure 103 provides two different shunt resistors, 250 Ω and
100 Ω. To select a 250 Ω resistor, the MOSFET switch must be
switched on by setting GPIO0 to logic level high using the
GPIO_DATA register. The measurement is performed using
Channel 1 of the ADA4254. To select 100 Ω, the MOSFET must be
turned off by setting GPIO0 to logic level low. Channel 2 must be
selected in this mode by writing 0x18 to the INPUT_MUX
register.
The ADA4254 internal chopping circuitry can be synchronized
to the companion ADC. This keeps the residual chopping noise
at the correct frequency and prevents it from folding back
to a frequency band of interest. To use the synchronization
functionality, configure GPIO4 to be an input by setting the
corresponding bit field in the GPIO_DIR register. Set the ADA4254
to accept an external clock by setting the EXT_CLK_IN bit field
in the SF_CFG register. Adjust the clock divider such that the
resulting clock is equal to 1 MHz. The divider can be adjusted in
the SYNC_CFG register. The SYNC_CFG register also controls
the synchronizing edge polarity. It is recommended that two
reads from the M_CLK_CNT register are performed to ensure
that the master clock counter is incrementing, indicating that
the ADA4254 is receiving an external clock.
The ADA4254 on-chip diagnostics allow the user to check the
circuit connections. In PLC applications, the circuit connections
are verified using the wire break detection capabilities of the
ADA4254. The WB_DETECT flag is set if one of the input
connections is missing. Finally, the CRC check, SCLK counter,
and SPI read/write check make the interface more robust as any
read/write operations that is not valid is detected. The CRC
check highlights if any bits are corrupted when being
transmitted between the processor and the ADA4254.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com