Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8612N110ACBZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM8612N110ACBZ-R7
Description  Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8612N110ACBZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM8612N110ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Data Sheet
ADM8611/ADM8612/ADM8613/ADM8614/ADM8615
Rev. G | Page 7 of 17
Figure 5. ADM8613 Pin Configuration
Table 6. ADM8613 Pin Function Descriptions
Pin No.
Mnemonic
Description
A1
VCC
Power Supply Input. The voltage on the VCC pin is monitored on the ADM8613. It is recommended to place a
0.1 μF decoupling capacitor as close as possible to the device between the VCC pin and the GND pin.
A2
GND
Ground.
B1
WDI
Watchdog Timer Input.
B2
WD_DIS
Watchdog Function Disable Input. Tie this pin high to disable the watchdog function of the device. Connect
this pin to ground if it is not used.
C1
MR
Manual Reset Input, Active Low.
C2
RESET
Active Low, Open-Drain RESET Output.
Figure 6. ADM8614 Pin Configuration
Table 7. ADM8614 Pin Function Descriptions
Pin No.
Mnemonic
Description
A1
VCC
Power Supply Input. The voltage on the VCC pin is monitored on the ADM8614. It is recommended to place a
0.1 μF decoupling capacitor as close as possible to the device between the VCC pin and the GND pin.
A2
GND
Ground.
B1
WDI
Watchdog Timer Input.
B2
WD_DIS
Watchdog Function Disable Input. Tie this pin high to disable the watchdog function of the device. Connect this
pin to ground if it is not used.
C1
WDT_SEL
Watchdog Timeout Selection Input. Pull this pin high to extend the watchdog timeout period of the ADM8614 to
100 sec. Pull this pin low to return the watchdog timeout period to its base value. Toggling WDT_SEL resets the
watchdog timer.
C2
RESET
Active Low, Open-Drain RESET Output.
MR
VCC
GND
WDI
RESET
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
1
A
B
C
2
BALL A1
INDICATOR
WD_DIS
VCC
GND
WDT_SEL
WDI
RESET
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
1
A
B
C
2
BALL A1
INDICATOR
WD_DIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com