Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8612N110ACBZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADM8612N110ACBZ-R7
Description  Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8612N110ACBZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADM8612N110ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
ADM8611/ADM8612/ADM8613/ADM8614/ADM8615
Data Sheet
Rev. G | Page 16 of 17
Table 12. ADM8613 and ADM8614 VCC Reset Threshold Voltage (VTH) Options (TA = −40°C to +85°C)
Reset Threshold Number
Min
Typ
Max
Unit
232
2.290
2.32
2.350
V
263
2.596
2.63
2.664
V
293
2.892
2.93
2.968
V
308
3.040
3.08
3.120
V
463
4.570
4.63
4.690
V
Table 13. ADM8613 and ADM8615 Watchdog Timeout Options (TA = −40°C to +85°C)
Watchdog Timeout Period Code
Min
Typ
Max
Unit
Test Condition/Comments
Y
1.4
1.6
1.9
sec
WD_DIS low
Z
22.3
25.6
30.5
sec
WD_DIS low
Table 14. ADM8614 Watchdog Timeout Options (TA = −40°C to +85°C)
Watchdog Timeout Period Code
Min
Typ
Max
Unit
Test Condition/Comments
Y
1.4
1.6
1.9
sec
WD_DIS low, WDT_SEL low
87
100
119
sec
WD_DIS low, WDT_SEL high
Table 15. Standard Models
Model
Reset Threshold (V)
Watchdog Timeout (sec)
ADM8611N263ACBZ-R7
2.63
N/A
ADM8611N293ACBZ-R7
2.93
N/A
ADM8612N110ACBZ-R7
1.1
N/A
ADM8613Y232ACBZ-R7
2.32
1.6
ADM8613Z232ACBZ-R7
2.32
25.6
ADM8614Y263ACBZ-R7
2.63
1.6
ADM8615Y100ACBZ-R7
1
1.6
ADM8615Z050ACBZ-R7
0.5
25.6
Figure 36. Ordering Code Structure
ADM861_ _ _ _ _A_ _Z-R7
GENERIC NUMBER
(1 TO 5)
WATCHDOG TIMEOUT PERIOD CODE
Y:1.6s (TYP)
Z: 25.6s (TYP)
N: NO WATCH DOG FUNCTION
RESET THRESHOLD NUMBER
(050 TO 463)
TEMPERATURE RANGE
A: –40°C TO +85°C
PACKAGE DESIGNATON
CB: WLCSP
Z = LEAD-FREE
PACKING MATERIAL
R7 = 7" TAPE AND REEL
(3000 PIECE QUANTITY)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com