Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8612N110ACBZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADM8612N110ACBZ-R7
Description  Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8612N110ACBZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADM8612N110ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
Data Sheet
ADM8611/ADM8612/ADM8613/ADM8614/ADM8615
Rev. G | Page 17 of 17
OUTLINE DIMENSIONS
Figure 37. 6-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-6-17)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2, 3
Temperature Range
Package Description
Package Option
Marking Code
ADM8611N263ACBZ-R7
−40°C to +85°C
6-Ball Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-17
DJ
ADM8611N293ACBZ-R7
−40°C to +85°C
6-Ball Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-17
ES
ADM8612N110ACBZ-R7
−40°C to +85°C
6-Ball Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-17
DV
ADM8613Y232ACBZ-R7
−40°C to +85°C
6-Ball Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-17
DQ
ADM8613Z232ACBZ-R7
−40°C to +85°C
6-Ball Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-17
ED
ADM8614Y263ACBZ-R7
−40°C to +85°C
6-Ball Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-17
DR
ADM8615Y100ACBZ-R7
−40°C to +85°C
6-Ball Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-17
DS
ADM8615Z050ACBZ-R7
−40°C to +85°C
6-Ball Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-17
EG
ADM8611-EVALZ
Evaluation Board
ADM8612-EVALZ
Evaluation Board
ADM8613-EVALZ
Evaluation Board
ADM8614-EVALZ
Evaluation Board
ADM8615-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.
2 The ADM8611/ADM8612/ADM8613/ADM8614/ADM8615 include many device options; however, not all options are released for sale. Released options are called
standard models and are listed in the Ordering Guide. For the most up to date list of standard models, refer to the Analog Devices website at www.analog.com/supervisory.
Contact an Analog Devices sales representative for information on nonstandard models, and be aware that samples and production units have long lead times.
3 If ordering nonstandard models, complete the ordering code shown in Figure 36 by inserting the model number, reset threshold, and watchdog timeout.
A
B
C
0.660
0.600
0.540
0.390
0.360
0.330
0.270
0.240
0.210
1.000
0.960
0.920
1.500
1.460
1.420
1
2
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
SIDE VIEW
0.360
0.320
0.280
1.00
REF
0.50
BSC
BALL A1
IDENTIFIER
SEATING
PLANE
0.50 BSC
COPLANARITY
0.04
©2015–2021 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D12782-5/21(G)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com