Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8612N110ACBZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM8612N110ACBZ-R7
Description  Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8612N110ACBZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM8612N110ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Data Sheet
ADM8611/ADM8612/ADM8613/ADM8614/ADM8615
Rev. G | Page 9 of 17
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 8. Supply Current (ICC) vs. Temperature
Figure 9. Supply Current (ICC) vs. Supply Voltage, VCC < 2V
Figure 10. Supply Current (ICC) vs. Supply Voltage
Figure 11. Supply Current (ICC) vs. Logic Input Pin Voltage, with the Exception
of the MR Pin
Figure 12. Average Supply Current (ICC) vs. WDI Toggling Frequency, Using a
Square Pulse Signal with a Duty Cycle of 50%
Figure 13. VIN Pin and VCC Pin Input Current vs. VIN
70
75
80
85
90
95
100
105
110
115
120
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
TEMPERATURE ( °C)
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1.0
1.5
2.0
2.5
SUPPLY VOLTAGE (V)
VCC FALLING
VCC RISING
60
70
80
90
100
110
120
2.02.53.03.54.04.55.05.5
SUPPLY VOLTAGE (V)
0
100
200
300
400
500
600
0
0.51.01.52.02.5
3.03.54.04.55.05.5
LOGIC INPUT PIN VOLTAGE (V)
VCC = 2V
VCC = 3.3V
VCC = 5.5V
0
20
40
60
80
100
120
140
160
180
200
0
200
400
600
800
1000
WDI TOGGLING FREQUENCY (Hz)
–2
–1
0
1
2
3
4
5
6
7
8
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
IVIN, VCC = 0V
IVIN, VCC = 2V
ICC, VCC = 2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com