Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8612N110ACBZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM8612N110ACBZ-R7
Description  Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8612N110ACBZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADM8612N110ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Ultralow Power Supervisory ICs with
Watchdog Timer and Manual Reset
Data Sheet
ADM8611/ADM8612/ADM8613/ADM8614/ADM8615
Rev. G
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015–2021 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultralow power consumption with ICC = 92 nA (typical)
Continuous monitoring with no blank time
Pretrimmed voltage monitoring threshold options
10 options from 2 V to 4.63 V for the ADM8611
20 options from 0.5 V to 1.9 V for the ADM8612/ADM8615
5 options from 2.32 V to 4.63 V for the ADM8613/ADM8614
±1.3% threshold accuracy over full temperature range
Manual reset input (ADM8611/ADM8612/ADM8613/ADM8615)
200 ms (typical) reset timeout
Low voltage input monitoring down to 0.5 V (ADM8612/
ADM8615)
Watchdog timer (ADM8613/ADM8614/ADM8615)
Watchdog function disable input (ADM8613/ADM8614 only)
Watchdog timeout extension input (ADM8614 only)
Active low, open-drain RESET output
Power supply glitch immunity
Available in a 1.46 mm × 0.96 mm WLCSP
Operational temperature range: −40°C to +85°C
APPLICATIONS
Portable/battery-operated equipment
Microprocessor systems
Energy metering
Energy harvesting
FUNCTIONAL BLOCK DIAGRAMS
Figure 1. ADM8612 Functional Block Diagram
Figure 2. ADM8614 Functional Block Diagram
GENERAL DESCRIPTION
The ADM8611/ADM8612/ADM8613/ADM8614/ADM8615
are voltage supervisory circuits that monitor power supply voltage
levels and code execution integrity in microprocessor-based
systems. Apart from providing power-on reset signals, an on-
chip watchdog timer can reset the microprocessor if it fails to
strobe within a preset timeout period. A reset signal can also be
asserted by an external push-button through a manual reset input.
The ultralow power consumption of these devices makes them
suitable for power efficiency sensitive systems, such as battery-
powered portable devices and energy meters.
The features of each member of the device family are shown in
Table 9. Each device subdivides into submodels with differences
in factory preset voltage monitoring threshold options. In the
range of 2 V to 4.63 V, 10 options are available for the ADM8611.
In the range of 2.32 V to 4.63 V, five options are available for
both the ADM8613 and ADM8614. A separate supply input
allows the ADM8612 and ADM8615 to monitor 20 different
low voltage levels from 0.5 V to 1.9 V. Not all device options are
available as standard models. See the Ordering Guide for details.
The ADM8611, ADM8612, ADM8613, and ADM8615 can
reset on demand through the manual reset input. The watchdog
function on the ADM8613, ADM8614, and ADM8615 monitors
the heartbeat of the microprocessor through the WDI pin. The
ADM8613 and ADM8614 have a watchdog disable input, which
allows the user to disable the watchdog function, if required. The
ADM8614 also has a watchdog timeout extension input, allowing
the watchdog timeout to be extended from 1.6 sec to 100 sec.
The ADM8611/ADM8612/ADM8613/ADM8614/ADM8615
are available in a 6-ball, 1.46 mm × 0.96 mm WLCSP. These
devices are specified over the temperature range of −40°C to +85°C.
MR
VCC
VIN
GND
VTH
ADM8612
RESET
GENERATOR
DEBOUNCE
RESET
GND
WDT_SEL
WD_DIS
WDI
VCC
VTH
ADM8614
RESET
GENERATOR
RESET
WATCHDOG
DETECTOR


Similar Part No. - ADM8612N110ACBZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8611 AD-ADM8611 Datasheet
109Kb / 7P
Low-Voltage Manual Reset & Watchdog Supervisory Circuits in 4-Lead SC70
ADM8611LABKS-RL AD-ADM8611LABKS-RL Datasheet
109Kb / 7P
Low-Voltage Manual Reset & Watchdog Supervisory Circuits in 4-Lead SC70
ADM8611LABKS-RL7 AD-ADM8611LABKS-RL7 Datasheet
109Kb / 7P
Low-Voltage Manual Reset & Watchdog Supervisory Circuits in 4-Lead SC70
ADM8611MABKS-RL AD-ADM8611MABKS-RL Datasheet
109Kb / 7P
Low-Voltage Manual Reset & Watchdog Supervisory Circuits in 4-Lead SC70
ADM8611MABKS-RL7 AD-ADM8611MABKS-RL7 Datasheet
109Kb / 7P
Low-Voltage Manual Reset & Watchdog Supervisory Circuits in 4-Lead SC70
More results

Similar Description - ADM8612N110ACBZ-R7

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823 Datasheet
115Kb / 6P
Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Maxim Integrated Produc...
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Maxim Integrated Produc...
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX6854UK16D3 MAXIM-MAX6854UK16D3 Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com