Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8612N110ACBZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADM8612N110ACBZ-R7
Description  Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8612N110ACBZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM8612N110ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Data Sheet
ADM8611/ADM8612/ADM8613/ADM8614/ADM8615
Rev. G | Page 13 of 17
MANUAL RESET INPUT
The ADM8611, ADM8612, ADM8613, and ADM8615 feature a
manual reset input (MR). Drive MR low to assert the reset output.
When MR transitions from low to high, the reset remains asserted
for the duration of the reset timeout period before deasserting.
The MR input has a 600 kΩ internal pull-up resistor so that the
input is always high when unconnected. To drive the MR input,
use an external signal or a push-button switch to ground; debounce
circuitry is integrated on-chip for this purpose. Noise immunity is
provided on the MR input, and fast, negative going transients of
up to 0.4 μs (typical) are ignored. If required, a 0.1 μF capacitor
between the MR pin and ground provides additional noise
immunity.
Figure 28. Manual Reset Timing
WATCHDOG TIMER
The ADM8613/ADM8614/ADM8615 feature a watchdog timer
that monitors microprocessor activity. A timer circuit is cleared
with every low to high or high to low logic transition on the watch-
dog input pin (WDI), which detects pulses as short as 85 ns. If
the timer counts through the preset watchdog timeout period (tWD),
a RESET output is asserted. The microprocessor must toggle the
WDI pin to avoid being reset. Failure of the microprocessor to
toggle the WDI pin within the timeout period indicates a code
execution error, and the reset pulse generated restarts the
microprocessor in a known state.
In addition to logic transitions on WDI, the watchdog timer
is also cleared by a reset assertion caused by an undervoltage
condition on the VCC pin, WDT_SEL toggling, or MR being
pulled low. When RESET is asserted, the watchdog timer is
cleared and does not begin counting again until the RESET
output is deasserted. The watchdog timer can be disabled by
driving the watchdog disable input (WD_DIS) high.
Figure 29. Watchdog Timer Timing
WATCHDOG TIMEOUT SELECT INPUT
Pulling the watchdog timeout select input (WDT_SEL) on the
ADM8614 high allows the device to extend its watchdog timeout
period from 1.6 sec (typical) to 100 sec (typical). This function
allows processors to have a long initialization time during startup.
The long timeout period also enables the processor to stay in
low power mode for a long period and work only intermittently,
reducing overall system power consumption.
TYPICAL APPLICATION CIRCUITS
Figure 30. ADM8611 Typical Application Circuit
Figure 31. ADM8612 Typical Application Circuit
Figure 32. ADM8613 Typical Application Circuit
Figure 33. ADM8614 Typical Application Circuit
VCC
RESET
MR
VTH
tRP
tRP
MR EXTERNALLY
DRIVEN LOW
tD_MR
0V
0V
VTH
VCC
WDI
RESET
tRP
tRP
tWD
ADM8611
MICROPROCESSOR
VCC
GND
RESET
RESET
MR
3.3V
VCORE
ADM8612
MICROPROCESSOR
VCC
GND
RESET
INPUT
MR
3.3V
VIO
VCORE
VIN
0.8V
ADM8613
MICROPROCESSOR
VCC
VIO
WD_DIS
WDI
GND
RESET
MR
RESET
2.5V
OUTPUT
ADM8614
VCC
VIO
WD_DIS
WDT_SEL
WDI
GND
RESET
RESET
2.5V
OUTPUT
OUTPUT
OUTPUT
MICROPROCESSOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com