Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8612N110ACBZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADM8612N110ACBZ-R7
Description  Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8612N110ACBZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM8612N110ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ADM8611/ADM8612/ADM8613/ADM8614/ADM8615
Data Sheet
Rev. G | Page 12 of 17
THEORY OF OPERATION
The ADM8611/ADM8612/ADM8613/ADM8614/ADM8615 low
power voltage supervisors protect the integrity of system
operation by ensuring the proper operation during power-up,
power-down, and brownout conditions. These devices monitor
the input voltage level and compare it against an internal reference.
The RESET output asserts whenever the monitored voltage level
is below the reference threshold, keeping the processor in a reset
state. The RESET output deasserts if the monitored voltage rises
above the threshold reference for a minimum period, the active
reset timeout period. This ensures that the supply voltage for
the processor is raised to an adequate level and stable before
exiting reset.
The ultralow supply current makes the ADM8611/ADM8612/
ADM8613/ADM8614/ADM8615 devices particularly suitable
for use in low power, portable equipment.
Figure 24. ADM8611 Functional Block Diagram
Figure 25. ADM8613 Functional Block Diagram
Figure 26. ADM8615 Functional Block Diagram
VOLTAGE MONITORING INPUT
The VCC pin of the ADM8611/ADM8613/ADM8614 acts as
both a device power input node and a voltage monitoring input
node. The ADM8612 uses separate pins for supply and voltage
monitoring to achieve a low voltage monitoring threshold to 0.5 V.
It is recommended to place a 0.1 μF decoupling capacitor as close
as possible to the device between the VCC pin and the GND pin.
VCC Slew Rate Consideration
A fast VCC ramp (μs range) on power-up can cause the device
to behave in an irregular manner. In applications where a high
slew rate on VCC is possible, for example, powering up using a
battery pack, it is recommended that an RC filter is used to reduce
the slew rate. RC combinations of 3.3 kΩ + 2.2 μF and 1 kΩ + 10 μF
have been tested and identified as safe options.
VIN AS AN ADJUSTABLE INPUT
Due to the low leakage nature of the VIN pin, the ADM8612 or
ADM8615 can be used as devices with an adjustable threshold. Use
an external resistor divider circuit to program the desired voltage
monitoring threshold based on the VIN threshold, as shown in
Figure 27.
Figure 27. ADM8615 Typical Application Circuit
TRANSIENT IMMUNITY
To avoid unnecessary resets caused by fast power supply transients,
an input glitch filter is added to the VCC pin of the ADM8611/
ADM8613/ADM8614 and the VIN pin of the ADM8612 and
ADM8615 to filter out the transient glitches on these pins.
Figure 16 shows the comparator overdrive (that is, the maximum
magnitude of negative going pulses with respect to the typical
threshold) vs. the pulse duration without a reset.
RESET OUTPUT
The ADM8611/ADM8612/ADM8613/ADM8614/ADM8615
devices all have an active low, open-drain reset output. For the
ADM8611/ADM8613/ADM8614, the state of the output is
guaranteed to be valid as soon as VCC is greater than 0.9 V. For
the ADM8612 and ADM8615, the output is guaranteed to be
held low from when VCC = 0.9 V to when the device exits ULVO.
When the monitored voltage falls below its associated threshold,
RESET is asserted within 23 μs to 26 μs (typical). Asserting RESET
this quickly ensures that the entire system can be reset at once
before any part of the system voltage falls below its recommended
operating voltage. This system reset can avoid dangerous and/or
erroneous operation of a microprocessor-based system.
MR
GND
ADM8611
RESET
GENERATOR
DEBOUNCE
RESET
VCC
VTH
GND
WD_DIS
WDI
VCC
VTH
ADM8613
RESET
GENERATOR
RESET
WATCHDOG
DETECTOR
MR
DEBOUNCE
GND
WDI
VCC
VIN
VTH
ADM8615
RESET
GENERATOR
RESET
WATCHDOG
DETECTOR
MR
DEBOUNCE
ADM8615
MICROPROCESSOR
VCC
VIN
GND
RESET
RESET
MR
WDI
OUTPUT
3.3V
12V
VIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com