Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8612N110ACBZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADM8612N110ACBZ-R7
Description  Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8612N110ACBZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADM8612N110ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADM8612N110ACBZ-R7 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ADM8611/ADM8612/ADM8613/ADM8614/ADM8615
Data Sheet
Rev. G | Page 14 of 17
LOW POWER DESIGN TECHINQUES
With their ultralow power consumption level, the ADM8611/
ADM8612/ADM8613/ADM8614/ADM8615 are ideal for battery-
powered, low power applications where every bit of power matters.
In addition to using low power ICs, good circuit design practices
can help the user further reduce the overall system power loss.
Digital Inputs
The digital inputs of the ADM8611/ADM8612/ADM8613/
ADM8614/ADM8615 voltage supervisors are designed with
CMOS technology to minimize power consumption. The nature of
the CMOS structure leads to an increase of the device ICC, while
the voltage level on the input approaches its undefined logic range,
as shown in Figure 11. To minimize this effect, follow these
recommendations:
If the digital input does not need to be toggled in a particular
design, tie it directly to the VCC or GND pin of the device.
Push-pull outputs with logic high levels close to the VCC of the
ADM8611/ADM8612/ADM8613/ADM8614/ADM8615 are
the ideal choice for driving the digital signal line.
Using push-pull outputs with a logic high level near the
minimum logic high specification of the digital input is
usually not recommended. One exception is if the input is
required to be driven high only infrequently for a relatively
short period.
Open-drain outputs with a pull-up resistor to VCC can be
used to drive digital signal lines. Open-drain outputs are
best suited for driving lines that are required to be driven
low only infrequently for a relatively short period.
The leakage current on both the digital input and the open-
drain output determines the size of the pull-up resistor
needed and, in turn, decides the power loss through the
resistor while driving the input low.
The MR pin on the ADM8611, ADM8612, ADM8613, and
ADM8615 features an internal pull-up resistor. The infrequent
usage of this pin makes its power loss while driven to logic
low negligible.
WDI Input
When the watchdog input (WDI) is driven by a push-pull
input/output with a logic high level near the VCC level of the
ADM8613/ADM8614/ADM8615, neither a high nor a low input
logic causes the system to consume additional current. To reduce
the total current consumption, increase the speed of the input
transition to the number of transitions. One high to low or low
to high transition within the watchdog timeout period is sufficient
to prevent the watchdog timer from generating a reset output.
If the watchdog input is driven by a push-pull output with a logic
high level near the minimum logic high specification of the digital
input, then a logic high input may cause CMOS shoot through
and increase the bias current (ICC) of the ADM8613/ADM8614/
ADM8615. To minimize the power loss in this setup, use short
positive pulses to drive the WDI pin. The ideal pulse width is as
small as possible but greater than the required minimum pulse
width of the WDI input. One pulse within the watchdog timeout
period is sufficient to prevent the watchdog timer from generating
a reset output.
Figure 34. Using a Push-Pull Output with a Lower Logic High Level to VCC,
Driving the WDI Pin with Short Positive Pulse to Reduce ICC
Similarly, if an open-drain input/output with a pull-up resistor
to VCC is used to drive WDI, a logic low input causes additional
current flowing through the pull-up resistor. A short negative
pulse technique can minimize the long-term current consumption.
Figure 35. Short Negative Pulse on the WDI Pin to Reduce Leakage Current
Through the Pull-Up Resistor
WD_DIS Input
For the ADM8613 and ADM8614, the watchdog disable input
(WD_DIS) disables the watchdog function during system
prototyping or during power-up to allow extra time for
processor initialization.
To disable the watchdog timer function during power-up after a
reset deassertion, the processor configures its input/output and
drives WD_DIS high within the watchdog timeout period. If
there is not enough time to configure the input/output or if an
open-drain input/output is used to drive WD_DIS, an external
pull-up resistor is required to keep the watchdog function disabled
during power-up. Extra current is consumed through the pull-up
resistor to enable the watchdog function. The leakage current
on both WD_DIS and the input/output that drives it determines
the size of the pull-up resistor needed and, in turn, determines
the power loss through the resistor while driving the input low.
ADM8614
MICROPROCESSOR
VCC
VIO
WDI
WATCHDOG
OUTPUT
2.5V
1.5V
HIGH
LOW
PUSH-PULL
OUTPUT
ADM8614
MICROPROCESSOR
VCC
WDI
2.5V
HIGH
LOW
OPEN-DRAIN
OUTPUT
WATCHDOG
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com