Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4097-1BUJZ-R5 Datasheet(PDF) 24 Page - Analog Devices

Part # ADA4097-1BUJZ-R5
Description  50 V, 130 kHz, 32.5 關A per Channel, Robust, Over-The-Top, Precision Op Amps
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4097-1BUJZ-R5 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADA4097-1BUJZ-R5 Datasheet HTML 20Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 21Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 22Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 23Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 24Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 25Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 26Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 27Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Data Sheet
ADA4097-1/ADA4097-2
APPLICATIONS INFORMATION
analog.com
Rev. A | 24 of 31
NOISE
To analyze the noise performance of an amplifier circuit, identify the
noise sources, and then determine if each source has a significant
contribution to the overall noise performance of the amplifier. To
simplify the noise calculations, noise spectral densities (NSDs)
are used rather than actual voltages, to leave bandwidth out of
the expressions. NSD is generally expressed in nV/√Hz and is
equivalent to the noise in a 1 Hz bandwidth.
The noise model shown in Figure 61 has six individual noise
sources: the Johnson noise of the three resistors (R1 to R3), the op
amp voltage noise, and the current noise (IN±) in each input of the
amplifier. Each noise source has its own contribution to the noise at
the output. Noise is generally specified as referring to input (RTI),
but it is often simpler to calculate the noise referred to the output
(RTO), and then divide by the noise gain to obtain the RTI noise.
Figure 61. Op Amp Noise Analysis Model
Assuming IN+ = IN− = IN, the equation for RTI noise can be simpli-
fied to the following form:
RTI Noise =
en2+en,R2+INREQ2
en, R 4KTREQ
REQ = R3 + R1||R2
where:
en is the op amp voltage noise.
en,R is the thermal noise contribution of the surrounding R1 to R3
resistors.
REQ is the equivalent input resistance.
k is Boltzmann’s constant (1.38 × 10−23 J/K).
T is the absolute temperature in Kelvin.
A 50 Ω resistor generates a Johnson noise of 1 nV/√Hz at 25°C.
For optimal performance, the lower bound of resistance in a feed-
back network is determined by the amount of quiescent power and
distortion that can be tolerated. The upper bound is determined by
the resistor and current noise density. The ADA4097-1/ADA4097-2
has an en of 53 nV/√Hz.
If resistor and current noise contributions are less than half this
value, the en introduced by the op amp dominates and provides
optimal noise performance of the device.
Figure 62. Noise Contributions vs. Equivalent Input Resistance
For the ADA4097-1/ADA4097-2, this lower bound of resistance in
the feedback network is about 40 kΩ. For the amplifier configuration
shown in Figure 61, REQ < 40 kΩ provides stable noise perform-
ance. If noise performance is not important, en is typically fixed for
a given TA, en,R increases with the square root of the resistor value,
and the IN × REQ resistance increases linearly, but does not impact
total noise until it approaches the value of en,R. With REQ < ~6 MΩ,
en,R is larger than IN × REQ. A safe value for REQ < 2 MΩ to ensure
that IN is not the majority contributor to total noise seen by the input.
Figure 62 shows the noise contributions for the range of resistance
values discussed in this section.
DISTORTION
There are two main contributors of distortion in op amps: output
crossover distortion as the output transitions from sourcing to sink-
ing, and distortion caused by nonlinear common-mode rejection. If
the op amp is operating in an inverting configuration, there is no
common-mode induced distortion. If the op amp is operating in the
noninverting configurations within the normal input common-mode
range (−VS to +VS − 1 V), distortion is acceptable. When the inputs
transition from normal to Over-The-Top operation or vice versa, a
significant degradation occurs in linearity due to the change of input
circuitry.
As RLOAD decreases, distortion increases due to a net decrease in
loop gain and greater signal swings internal to the amplifier that are
necessary to drive the load. The lowest distortion can be achieved
with the ADA4097-1/ADA4097-2 operating in Class A operation in
an inverting configuration, with the input common-mode biased at
midsupply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com