Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4097-1BUJZ-R5 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4097-1BUJZ-R5
Description  50 V, 130 kHz, 32.5 關A per Channel, Robust, Over-The-Top, Precision Op Amps
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4097-1BUJZ-R5 Datasheet(HTML) 4 Page - Analog Devices

  ADA4097-1BUJZ-R5 Datasheet HTML 1Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 2Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 3Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 4Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 5Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 6Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 7Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 8Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Data Sheet
ADA4097-1/ADA4097-2
SPECIFICATIONS
analog.com
Rev. A | 4 of 31
Table 1.
Parameter
Test Conditions/Comments
B Grade
H Grade
Unit
Min
Typ
Max
Min
Typ
Max
1% Settling Time
ΔVOUT = ±2 V
70
70
µs
0.1% Settling Time
ΔVOUT = ±2 V
100
100
µs
Total Harmonic Distortion Plus
Noise (THD + N)
f = 1 kHz, VOUT = 2 V p-p, RLOAD
= 10 kΩ, bandwidth = 80 kHz
0.05
0.05
%
Channel Separation
f = 1 kHz, RLOAD = 2 kΩ
115
115
dB
INPUT CHARACTERISTICS
Input Resistance
Differential mode
10
10
MΩ
Common mode
>1
>1
GΩ
Over-The-Top
Differential mode, VCM > 5 V
60
60
kΩ
Common mode, VCM > 5 V
>1
>1
GΩ
Input Capacitance
Differential mode
1
1
pF
Common mode
3
3
pF
SHDN AND SHDNx PINS
Input Logic Low
Amplifier active, SHDN and
SHDNx pin voltage (VSHDN) <
−VS + 0.5 V, TMIN < TA < TMAX
−VS + 0.5
−VS + 0.5
V
Input Logic High
Amplifier shutdown, VSHDN > −VS
+ 1.5 V, TMIN < TA < TMAX
−VS + 1.5
−VS + 1.5
V
Response Time
Amplifier active to shutdown
2.5
2.5
µs
Amplifier shutdown to active
100
100
µs
Pull-Down Current
VSHDN = −VS + 0.5 V, TMIN < TA <
TMAX
0.6
3
0.6
3
µA
VSHDN = −VS + 1.5 V, TMIN < TA <
TMAX
0.3
2.5
0.3
2.5
µA
OUTPUT CHARACTERISTICS
Output Voltage Swing Low
Overdrive voltage (VOD4) =
30 mV, no load
15
40
15
40
mV
TMIN < TA < TMAX
45
50
mV
VOD = 30 mV, sink current (ISINK)
= 5 mA
240
325
240
325
mV
TMIN < TA < TMAX
380
400
mV
Output Voltage Swing High
VOD = 30 mV, no load
2.5
5
2.5
5
mV
TMIN < TA < TMAX
10
15
mV
VOD = 30 mV, source current
(ISOURCE) = 5 mA
570
700
570
700
mV
TMIN < TA < TMAX
1000
1100
mV
Short-Circuit Current
ISOURCE
20
30
20
30
mA
TMIN< TA < TMAX
10
6
mA
ISINK
35
40
35
40
mA
TMIN < TA < TMAX
10
6
mA
Output Pin Leakage During
Shutdown
VSHDN = −VS + 1.5 V
±5
±100
±5
±100
nA
TMIN < TA < TMAX
±10
±10
µA
POWER SUPPLY
Maximum Operating Voltage5
50
50
V
VSY Range
Guaranteed by power supply
rejection ratio (PSRR)
3
50
3
50
V
Supply Current per Channel
Amplifier active
32.5
36
32.5
36
µA
TMIN < TA < TMAX
55
60
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com