Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4097-1BUJZ-R5 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4097-1BUJZ-R5
Description  50 V, 130 kHz, 32.5 關A per Channel, Robust, Over-The-Top, Precision Op Amps
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4097-1BUJZ-R5 Datasheet(HTML) 1 Page - Analog Devices

  ADA4097-1BUJZ-R5 Datasheet HTML 1Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 2Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 3Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 4Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 5Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 6Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 7Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 8Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Data Sheet
ADA4097-1/ADA4097-2
50 V, 130 kHz, 32.5 µA per Channel, Robust, Over-The-Top, Precision Op Amps
Rev. A
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Ultrawide common-mode input range: −VS − 0.1 V to −VS + 70 V
►
Wide power supply voltage range: +3 V to +50 V (to ±25 V for
PSRR)
►
Low power supply current: 32.5 µA (typical)
►
Low input offset voltage: ±60 µV maximum
►
Low input offset voltage drift: ±1 µV/°C maximum (B grade)
►
Low input voltage noise
►
6 Hz typical 1/f noise corner
►
1000 nV p-p typical at 0.1 Hz to 10 Hz
►
GBP: 130 kHz typical for fTEST = 250 Hz
►
Slew rate: 0.1 V/µs typical at ΔVOUT = 4 V
►
Low power supply current shutdown: 20 µA maximum
►
Low input offset current: ±300 pA maximum
►
Large signal voltage gain: 120 dB minimum for ΔVOUT = 3.5 V
►
CMRR: 120 dB minimum at VCM = −0.1 V to +70 V
►
PSRR: 123 dB minimum at VSY = +3 V to ±25 V
►
Input overdrive tolerant with no phase reversal
►
±2 kV HBM and ±1.25 kV FICDM
►
Wide temperature range: −55°C to +150°C (H grade)
►
Shutdown feature available for single 6-lead TSOT and dual
10-lead LFCSP packages
APPLICATIONS
►
Industrial sensor conditioning
►
Supply current sensing
►
Battery and power supply monitoring
►
Front-end amplifiers in abusive environments
►
4 mA to 20 mA transmitters
GENERAL DESCRIPTION
The ADA4097-1/ADA4097-2 are single and dual robust, precision,
rail-to-rail input and output operational amplifiers (op amps) with
inputs that operate from −VS to +VS and beyond, which are referred
to in this data sheet as Over-The-Top™. The devices feature offset
voltages of <60 µV, input bias currents (IB) of <0.3 nA, and can
operate on single or split supplies that range from 3 V to 50 V.
The ADA4097-1/ADA4097-2 draw 32.5 µA of supply current per
channel.
The ADA4097-1/ADA4097-2 Over-The-Top™ input stages have ro-
bust input protection features for abusive environments. The inputs
can tolerate up to 80 V of differential voltage without damage or
degradation to dc accuracy. The operating common-mode input
range extends from rail-to-rail and beyond, up to 70 V > –VS,
independent of the +VS supply.
The ADA4097-1/ADA4097-2 are unity-gain stable and can drive
loads requiring up to 20 mA per channel. The devices can also
drive capacitive loads as large as 200 pF. The amplifiers are
available with low power shutdown.
The ADA4097-1 is available in a standard, 6-lead thin small out-
line transistor (TSOT) package. The ADA4097-2 is available in
an 8-lead standard small outline (SOIC_N) package, 8-lead mini
small outline package (MSOP), and 10-lead lead-frame chip-scale
package (LFCSP).
TYPICAL APPLICATION CIRCUIT
Figure 1. 1 V/A Over-The-Top Current Sense Application (VBAT Is the Battery
Voltage.)
Figure 2. Output Error vs. Load Current


Similar Part No. - ADA4097-1BUJZ-R5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4097-1BUJZ-R5 AD-ADA4097-1BUJZ-R5 Datasheet
517Kb / 27P
50 V, 130 kHz, 32.5 關A, Robust, Over-The-Top Precision Op Amp
5/2021-Revision 0
More results

Similar Description - ADA4097-1BUJZ-R5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1672 LINER-LT1672_15 Datasheet
220Kb / 12P
Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT6015 LINER-LT6015_15 Datasheet
929Kb / 22P
3.2MHz, 0.8V/s Low Power, Over-The-Top Precision Op Amps
LT6016 LINER-LT6016_15 Datasheet
929Kb / 22P
3.2MHz, 0.8V/s Low Power, Over-The-Top Precision Op Amps
LT6017 LINER-LT6017_15 Datasheet
929Kb / 22P
3.2MHz, 0.8V/s Low Power, Over-The-Top Precision Op Amps
LT6015 LINER-LT6015 Datasheet
1,014Kb / 22P
3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amps
logo
3PEAK INC.
TP1561 3PEAK-TP1561 Datasheet
1Mb / 16P
Stable 3.8MHz, 130關A, RRIO, EveryCapTM Op Amps
logo
Analog Devices
ADA4097-1 AD-ADA4097-1 Datasheet
517Kb / 27P
50 V, 130 kHz, 32.5 關A, Robust, Over-The-Top Precision Op Amp
5/2021-Revision 0
ADA4099-1 AD-ADA4099-1 Datasheet
1Mb / 34P
50 V, 8 MHz, 1.5 mA per Channel, Robust, Over-The-Top, Precision Op Amps
1/2022-Rev. 0 to Rev. A
ADA4098-1 AD-ADA4098-1 Datasheet
1Mb / 33P
50 V, 1 MHz, 165 關A per Channel, Robust, Over-The-Top, Precision Op Amps
Rev. A
ADA4099-2BCHIPS AD-ADA4099-2BCHIPS Datasheet
212Kb / 8P
50 V, 8 MHz, 1.65 mA per Channel, Robust, Over-The-Top, Precision Op Amp
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com